Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92211LUA-AAA-000-BU Arkusz danych(PDF) 9 Page - Melexis Microelectronic Systems

Numer części MLX92211LUA-AAA-000-BU
Szczegółowy opis  3-Wire Hall Effect Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92211LUA-AAA-000-BU Arkusz danych(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX92211LUA-AAA-000-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX92211LUA-AAA-000-BU Datasheet HTML 13Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MLX92211-AxA
3-Wire Hall Effect Latch
390109221101
Page 9 of 13
Datasheet
Rev. 007
www.melexis.com
Jan/15
9 Application Information
9.1 Typical Three-Wire Application Circuit
C1
10nF
VDD
GND
OUT
RPU
10k
VCC
VOUT
Notes:
1. For proper operation, a 10nF to 100nF bypass capacitor should
be placed as close as possible to the VDD and ground pin.
2. The pull-up resistor RPU value should be chosen in to limit the
current through the output pin below the maximum allowed
continuous current for the device.
3. A capacitor connected to the output is not obligatory, because
the output slope is generated internally.
MLX92211
9.2 Automotive and Harsh, Noisy Environments Three-Wire Circuit
C1
10nF
VDD
GND
OUT
C2
4.7nF
RPU
10k
VCC
VOUT
R1
100 Ohms
Z1
D1
Notes:
1. For proper operation, a 10nF to 100nF bypass capacitor should be placed as close as possible to the VDD and ground pin.
2. The device could tolerate negative voltage down to -27V, so if negative transients over supply line VPEAK< -32V are expected, usage of the
diode D1 is recommended. Otherwise only R1 is sufficient.
When selecting the resistor R1, three points are important:
- the resistor has to limit IDD/IDDREV to 50mA maximum
- the resistor has to withstand the power dissipated in both over voltage conditions (VR1
2/R1)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1.IDD)
3. The device could tolerate positive supply voltage up to +27V (until the maximum power dissipation is not exceeded), so if positive
transients over supply line with VPEAK> 32V are expected, usage a zener diode Z1 is recommended. The R1-Z1 network should be sized to
limit the voltage over the device below the maximum allowed.
MLX92211


Podobny numer części - MLX92211LUA-AAA-000-BU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211LUA-BAA-xxx-BU MELEXIS-MLX92211LUA-BAA-xxx-BU Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
More results

Podobny opis - MLX92211LUA-AAA-000-BU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92211-BAA MELEXIS-MLX92211-BAA Datasheet
769Kb / 12P
   3-Wire Hall Effect Latch
MLX92211-AXA MELEXIS-MLX92211-AXA Datasheet
1Mb / 16P
   3-wire hall effect Latch
MLX92214LSE MELEXIS-MLX92214LSE Datasheet
940Kb / 10P
   3-Wire Hall Effect Latch
MLX92215 MELEXIS-MLX92215 Datasheet
872Kb / 13P
   3-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
   Two-Wire Hall-Effect Latch
logo
Melexis Microelectronic...
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
logo
Asahi Kasei Microsystem...
EM6011 AKM-EM6011 Datasheet
543Kb / 13P
   Hall Effect Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com