Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX91210KDCCAS-102RE Arkusz danych(PDF) 3 Page - Melexis Microelectronic Systems

Numer części MLX91210KDCCAS-102RE
Szczegółowy opis  MLX91210 Integrated Current Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91210KDCCAS-102RE Arkusz danych(HTML) 3 Page - Melexis Microelectronic Systems

  MLX91210KDCCAS-102RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91210KDCCAS-102RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MLX91210 Integrated Current Sensor IC
Datasheet
Page 3 of 18
REVISION 1 - JULY 20, 2016
DOCUMENT 3901091210
1. Ordering Information
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
MLX91210
K
DC
CAS-101
RE
MLX91210
K
DC
CAS-102
RE
MLX91210
K
DF
CAS-101
RE
MLX91210
K
DF
CAS-102
RE
Legend:
Temperature Code:
K: from -40°C to 125°C
Package Code:
“DC” for SOIC-8 NB (Narrow Body) package
“DF” for SOIC-16 WB (Wide Body) package
Option Code:
CAS-xxx: die version
xxx-101: Bipolar current sensor // 0A at 50%Vdd // nominal 80mV/A or ±25A full scale
xxx-102: Bipolar current sensor // 0A at 50%Vdd // nominal 40mV/A or ±50A full scale
Packing Form:
“RE” for Reel
Ordering Example:
MLX91210KDC-CAS-101-RE
Table 1 – Legend
Melexis is continuously expanding its product portfolio by adding new option codes to better meet the
needs of our customer’s applications. This table is being updated frequently, please go to the Melexis
website to download the latest version of this datasheet.
For custom transfer characteristics, please contact your local Melexis Sales representative or distributor.


Podobny numer części - MLX91210KDCCAS-102RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91216 MELEXIS-MLX91216 Datasheet
1Mb / 14P
   High Speed Current Sensor IC
MLX91217 MELEXIS-MLX91217 Datasheet
1Mb / 17P
   High Speed Current Sensor IC
MLX91218 MELEXIS-MLX91218 Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
MLX91218LDC-AFV-204-RE MELEXIS-MLX91218LDC-AFV-204-RE Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
MLX91218LDC-ARV-300-RE MELEXIS-MLX91218LDC-ARV-300-RE Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
More results

Podobny opis - MLX91210KDCCAS-102RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91220 MELEXIS-MLX91220 Datasheet
1Mb / 38P
   MLX91220 Integrated Current Sensor IC
REVISION 3.0 - MAY 6, 2022
MLX91221 MELEXIS-MLX91221 Datasheet
1Mb / 37P
   MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
logo
Allegro MicroSystems
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
   Current Sensor IC
16.Jan.2019 Rev.002
logo
MultiDimension Technolo...
TMR7302-E MULTIDIMENSION-TMR7302-E Datasheet
646Kb / 9P
   Integrated Current Sensor
Version 1.0
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com