Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX91205 Arkusz danych(PDF) 7 Page - Melexis Microelectronic Systems

Numer części MLX91205
Szczegółowy opis  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91205 Arkusz danych(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX91205 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91205 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MLX91205
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091205
Page 7 of 14
Data Sheet
Rev 012
June/13
11 Performance Graphs
11.1 Offset over Temperature
The product is calibrated at room temperature and tested at -40°C, 25°C and +125°C. The Offset
performance 0V ±20mV at room temperature and is 0V ±50mV over the temperature range from -40 to 125°
C. The typical temperature drift is < 0mV/°C ± 0.3 mV/°C
20
40
60
25
50
75
100
125
-60
-40
-20
Temperature [°C]
-50
-25
Offset
[mV]
[%VDD]
1.2
0.8
0.4
-0.4
-0.8
-1.2
11.2 Sensitivity over Temperature
The product is calibrated at room temperature and tested at -40°C, 25°C and +125°C. The Sensitivity
performance for the low field version is 280V/T ±5 V/T at room temperature and 280V/T ±10 V/T over the
temperature range from -40 to 125° C. Typical temperature drift is < 200 ppm/ °C.
285
290
Sensitivity
25
75
100
125
270
275
Temperature [°C]
-50
-25
101.8
103.6
[V/T]
[%]
96.4
98.2
50
The corresponding sensitivity performance for the high field version is 100V/T ±2.5 V/T at room temperature
and 100V/T ±5 V/T over the temperature range from -40 to 125° C.


Podobny numer części - MLX91205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Podobny opis - MLX91205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91206 MELEXIS-MLX91206 Datasheet
883Kb / 25P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com