Zakładka z wyszukiwarką danych komponentów |
|
MLX91206LDCCAH-003RE Arkusz danych(PDF) 4 Page - Melexis Microelectronic Systems |
|
MLX91206LDCCAH-003RE Arkusz danych(HTML) 4 Page - Melexis Microelectronic Systems |
4 / 25 page MLX91206 IMC-Hall ® Current Sensor (Triaxis ® Technology) 3901091206 Page 4 Datasheet MLX91206 Rev 043 April 2016 3 Glossary of Terms Tesla Units for the magnetic flux density, 1 mT = 10 Gauss TC Temperature Coefficient in ppm/deg C NC Not Connected PWM Pulse Width Modulation %DC Duty Cycle of the output signal i.e. TON /(TON + TOFF) ADC Analog to Digital Converter DAC Digital to Analog Converter LSB Least Significant Bit MSB Most Significant Bit DNL Differential Non Linearity INL Integral Non Linearity IMC Integrated Magneto Concentrator (IMC ) PTC Programming Through Connector 4 Absolute Maximum Ratings Parameter Symbol Value Units Positive Supply Voltage (overvoltage) Vdd +20 V Reverse Supply Voltage Protection -10 V Positive Output Voltage +10 +14 (200 s max, TA = +25°C) V Output Current Iout ±300 mA Reverse Output Voltage -0.3 V Reverse Output Current -50 mA Operating Ambient Temperature Range TA -40 to +150 ° C Storage Temperature Range TS -55 to +165 ° C Magnetic Flux Density ±0.2 T Table 1: Absolute maximum ratings Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. 5 Pin Definitions and Descriptions Pin № Name Type Function 1 VDD Supply Supply Voltage 2 VSS Ground Supply Voltage 3 VDIG Supply Digital supply voltage, 3.3 V, internal regulated 4 MUST1 Digital Test and Factory calibration 5 OUT / PWM Analog/Digital Current sensor output 6 TESTOUT Digital Test and Factory calibration 7 MUST0 Digital Test and Factory calibration 8 TEMPOUT Analog Temperature Sensor Output Table 2: Pin definition and description It is recommended to connect the unused pins to the Ground (see section 16) for optimal EMC results. |
Podobny numer części - MLX91206LDCCAH-003RE |
|
Podobny opis - MLX91206LDCCAH-003RE |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |