Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX91206LDCCAH-004RE Arkusz danych(PDF) 7 Page - Melexis Microelectronic Systems

Numer części MLX91206LDCCAH-004RE
Szczegółowy opis  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-004RE Arkusz danych(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX91206LDCCAH-004RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 7
Datasheet MLX91206
Rev 043
April 2016
8 Analog output specification
8.1 Timing specification
Operating Parameters TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Step Response Time
Tresp
Voq ± 2 V
BW = 100 kHz – No filter
8
10
μs
Bandwidth
BW
Full Range
50
70
90
kHz
Power on Delay
TPOD
Vout =100% of FS
(BW = 100 Hz)
(BW = 1000 Hz)
(BW = 10 kHz)
(BW = 100 kHz – No filter)
100
10
5
5
ms
ms
ms
ms
Ratiometry Cut-off Frequency
Fratio
250
Hz
Table 6: Timing specification high speed analog output
8.2 Accuracy specification
Operating Parameters TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal Offset Drift
Thermal Offset Drift(1)
ΔTVoq
ΔTVoq
-0.4
-20
+0.4
20
%Vdd
mV
Thermal Sensitivity Drift
TC
-1.5
+1.5
%S
RMS Output noise
Nrms
S = 6 %Vdd/mT (= 300 mV/mT @
Vdd=5V)
0.1
%Vdd
Voq Ratiometry
ΔVoq
Voq = 50%Vdd
ΔVdd = 10%Vdd
9.8
10.2
%
Voq Drift – Supply Related(1)
ΔVoq
Voq = 50%Vdd (Vdd Nominal = 5V)
ΔVdd = 10%Vdd
-5
5
mV
Sensitivity Ratiometry
ΔS
ΔVdd = 10%Vdd
B = Bop
9.8
10.2
%
Clamped output accuracy
Clamp_lo
Clamp_hi
Trimming range: 5-10%Vdd
Trimming range: 90-95%Vdd
-1
1
%Vdd
Table 7: Accuracy specific parameter analog output
(1) Applies to CAH-021 version
8.3 Remarks to the achievable accuracy
The achievable target accuracy is dependent on user
’s end-of-line calibration. The resolution for the offset
and offset drift calibration is better than 0.1%Vdd. Trimming capability is higher than the measurement
accuracy. End-user calibration can increase the accuracy of the system.


Podobny numer części - MLX91206LDCCAH-004RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Podobny opis - MLX91206LDCCAH-004RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com