Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX91206LDCCAH-004RE Arkusz danych(PDF) 9 Page - Melexis Microelectronic Systems

Numer części MLX91206LDCCAH-004RE
Szczegółowy opis  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-004RE Arkusz danych(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX91206LDCCAH-004RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 12Page - Melexis Microelectronic Systems MLX91206LDCCAH-004RE Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 9
Datasheet MLX91206
Rev 043
April 2016
9.2 Magnetic specification for the PWM output
Operating Parameters TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Field Range
Bnom
-20
+20
mT
Operational Field Range (1)
Bop
-25
+25
mT
Linearity Error
NL
Nominal Field Range (25°C)
-0.5
+0.5
%FS
Operational Field Range (25°C) -0.75
+0.75
%FS
Hysteresis, remanent Field
Br
B = Bop
-25
+25
uT
Programmable Sensitivity
S
B = Bop
0.5
5
%DC/mT
Sensitivity programming Resolution
Sres
B = Bop
0.1
%
Table 9: Magnetic specification 25mT version (high-field version)
(1) Above 25 mT, the IMC starts saturating yielding to an increase of the linearity error.
9.3 Accuracy specification transfer characteristic PWM
Operating Parameters TA = -40 to 125degC, Vdd = 5.0 V (unless otherwise specified), S = 4%DC/mT
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Thermal Offset Drift
ΔTVoq
-0.4
+0.4
%DC
Thermal Sensitivity Drift
TC
-150
+150
ppm/°C
Table 10: Accuracy specific parameter PWM output
10 Thermometer output specification
The thermometer output voltage is in the range from 367mV to 2930mV for temperatures ranging from -40 to
150degC. The accuracy is better than 5degC. The pin shall be able to sustain a low impedance connection to
maximum 14V. This output is not ratiometric.
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Offset
T35
Output voltage with T = 35degC
3-bit adjustment
1.38
V
Slope
Tslope
13.5
mV/degC
Accuracy
Tacc
-5
5
degC
Load capacitor
CloadTherm External through bonding wire
1
50
nF
Output current
Iouttherm
-0.1
+0.1
mA
Table 11: Thermometer output specification


Podobny numer części - MLX91206LDCCAH-004RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Podobny opis - MLX91206LDCCAH-004RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com