Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX91206LDCCAH-021RE Arkusz danych(PDF) 5 Page - Melexis Microelectronic Systems

Numer części MLX91206LDCCAH-021RE
Szczegółowy opis  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAH-021RE Arkusz danych(HTML) 5 Page - Melexis Microelectronic Systems

  MLX91206LDCCAH-021RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAH-021RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 5
Datasheet MLX91206
Rev 043
April 2016
6 General Electrical Specifications
Operating Parameters : TA = -40 to 125degC, Vdd = 4.5 V to 5.5 V, Iout = -2 mA to +2 mA, recommended
application diagram in section 16, unless otherwise specified. All mentioned component values can have a
±20% tolerance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Nominal Supply Voltage
Vdd
4.5
5
5.5
V
Supply Current
Idd
W/o output load & TA = -40 to 150oC
- ROUGHGAIN ≤ 3
- ROUGHGAIN > 3
7
9
10
12
mA
mA
Output Current
Iout
-2
2
mA
Output Resistance
Vout = 50% Vdd, RL = 5kΩ
1
5
Output Capacitive Load
Cload
Analog Mode
5
10
50
nF
PWM Mode
0
10
50
nF
Output Short Circuit Current
Ishort
Output shorted to Vdd- Permanent
Not Destroyed
Output shorted to Vss - Permanent
Not Destroyed
Leakage current
Ileak
High impedance mode (2)
5
uA
Output Voltage Swing (Linear
Range)
Vout_pd
pull down ≥ 10 kΩ
5
95
%Vdd
Vout_pu
pull up ≥ 10 kΩ
5
95
%Vdd
High-impedance mode levels(2) Vout_HiZ_pu
pull-up RL ≤ 30 kΩ
97
%Vdd
Vout_HiZ_pd
pull-down RL ≤ 30 kΩ
3
%Vdd
BrokenVss Output Levels(2)
OUT with pull-down RL ≤ 10 kΩ (3)
3
%Vdd
OUT with pull-up RL ≤ 30 kΩ (3)
97
%Vdd
BrokenVdd Output Levels(2)
OUT with pull-down RL ≤ 30 kΩ (3)
3
%Vdd
OUT with pull-up RL ≤ 30 kΩ (3)
97
%Vdd
Under-voltage detection (2) (4)
Vdd_uvd
Detected Voltage (Low to High)
3.15
3.3
3.45
V
Vdd_uvh
Hysteresis
0.25
0.3
0.4
V
Over-voltage detection mode 1
(2) (4)
Vdd_ovd1
Detected Voltage (Low to High)
7.8
9.5
V
Vdd_ovh1
Hysteresis
0.8
1.6
V
Over-voltage detection mode 2
(2) (4)
Vdd_ovd2
Detected Voltage (Low to High)
6.7
7.6
V
Vdd_ovh2
Hysteresis
0.05
0.5
V
Clamped Output Level
Clamp_lo
Trimming Range
5 (1)
10
%Vdd
Clamp_hi
Trimming Range
90
95 (1)
%Vdd
Table 3: General electrical parameter
(1) Factory programmed clamping level
(2) Refer to chapter Self-diagnostic, table 21.
(3) Valid for TEMPOUT with pull-up (min. 30k
Ω), pull-down (min. 30kΩ) or not connected
(4) According to the figure below
Figure
“Detected voltage and hysteresis definitions”
Vout
Detected
Voltage
Vdd
Hysteresis


Podobny numer części - MLX91206LDCCAH-021RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Podobny opis - MLX91206LDCCAH-021RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com