Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TYN1225 Arkusz danych(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Numer części TYN1225
Szczegółowy opis  Green device available.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TYN1225 Arkusz danych(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  TYN1225 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TYN1225 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TYN1225 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TYN1225 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TYN1225
KERSMI ELECTRONIC CO.,LTD.
1200V
www.kersemi.com
1
Description
This MOSFETS use advanced trench technology and design to provide
excellent RDS(on) with low gate charge. It can be used in a wide variety of applications.
Features
1) Low gate charge.
2) Green device available.
3) Advanced high cell denity trench technology for ultra RDS(ON)
4) Excellent package for good heat dissipation.
TO-220
Absolute Maximum Ratings TC=25℃,unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Part NO.
Marking
Package
TYN1225
TYN1225
TO-220
BVDSS
ID
12000V
25A
Symbol
Parameter
Ratings
Units
RƟJC
Thermal Resistance ,Junction to Case1
60
°
C/W
RƟJA
Thermal Resistance, Junction to Ambient1
1.3


Podobny numer części - TYN1225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TYN1225 STMICROELECTRONICS-TYN1225 Datasheet
288Kb / 4P
   SCR
logo
JIEJIE MICROELECTRONICS...
TYN1225 JIEJIE-TYN1225 Datasheet
575Kb / 6P
   25A SCRs
logo
Inchange Semiconductor ...
TYN1225 ISC-TYN1225 Datasheet
220Kb / 1P
   isc Thyristors
logo
JIEJIE MICROELECTRONICS...
TYN1225I JIEJIE-TYN1225I Datasheet
575Kb / 6P
   25A SCRs
logo
List of Unclassifed Man...
TYN1225RG ETC2-TYN1225RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
More results

Podobny opis - TYN1225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
KSM3803 KERSEMI-KSM3803 Datasheet
651Kb / 5P
   Green device available.
KSM4310 KERSEMI-KSM4310 Datasheet
649Kb / 5P
   Green device available.
KSMB5N60 KERSEMI-KSMB5N60 Datasheet
716Kb / 4P
   Green device available.
KSMB5N65 KERSEMI-KSMB5N65 Datasheet
716Kb / 4P
   Green device available.
KSMB7N80 KERSEMI-KSMB7N80 Datasheet
691Kb / 4P
   Green device available.
KSMN6690 KERSEMI-KSMN6690 Datasheet
578Kb / 4P
   Green device available.
KSMN8313 KERSEMI-KSMN8313 Datasheet
654Kb / 4P
   Green device available.
KSMT296N KERSEMI-KSMT296N Datasheet
769Kb / 5P
   Green device available.
KSMT318N KERSEMI-KSMT318N Datasheet
715Kb / 5P
   Green device available.
KSMN4440 KERSEMI-KSMN4440 Datasheet
591Kb / 4P
   Green device available.
KSMU024N KERSEMI-KSMU024N Datasheet
649Kb / 4P
   Green device available.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com