Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX91209 Arkusz danych(PDF) 6 Page - Melexis Microelectronic Systems

Numer części MLX91209
Szczegółowy opis  PTC04 Daughter Board for MLX91209
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91209 Arkusz danych(HTML) 6 Page - Melexis Microelectronic Systems

  MLX91209 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 8Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PTC04-DB-91209
PTC04 Daughter Board for MLX91209
PTC04-DB-91209
Datasheet
Rev. 1.0
Page 6 of 8
4/28/2011
1.3.3.
Force / Sense jumpers – J1
Force pin
Name
Sense pin
Name
1
VDD_DIE
2
VDD_SENSE_DIE
3
OUT_DIE1
4
OUT_SENSE_DIE1
5
OUT_DIE2
6
OUT_SENSE_DIE2
7
GND_DIE
8
GND_SENSE_DIE
1.4. Daughter board Connectors
The PTC04 main board has two connectors to the interface with the application. The PTC allows
adding a full PCB in between (Daughter Board). This daughter board can be mounted on the two
connectors. In some exceptional cases, a daughter board contains only a few wires from the Analogue
connector to the application connector. The pins on of the connectors are described below.
Meas_Line_P1
+36V_SUPPLY
ISENSE_PPS3
VOUT_PPS4
ANA.COMP2
ISENSE_PPS2
PE5
SDA
Rd
FC
ISENSE_PPS1
PE4
D1
VOUT_PPS3
A0
Meas_Line_P3
PE0
F8
A6
PE3
ANA.COMP0
D4
AGND
D6
PE7
Meas_Line_N3
D5
Meas_Line_P4
FA
Meas_Line_N2
SCL
VOUT_PPS1
D3
Wr
+5V_Digital_Supply
A4
FB
AGND
VOUT_PPS2
D2
D7
48 pin header
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
35
37
36
38
39
40
41
42
43
44
45
46
47
48
DIGITAL DB
CONNECTOR
Meas_Line_N4
Meas_Line_P2
ANALOG DB
CONNECTOR
PE1
40 Pin Header
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
A1
PE6
ANA.COMP3
Meas_Line_N1
FE
D0
+2.5V_REF_SUPPLY
DGND
ANA.COMP1
A7
FD
FF
A2
A5
A3
F9
PE2
Reset
ISENSE_PPS4
1.4.1.
Digital DB Connector (40 Pins)
Mainly, the digital connector is meant to expand the programmer to extra needs. Address lines
A0-A7 together with the Map Select Lines F8-FF allows to direct access an area of 2 K. Examples would
be adding a simple addressed I/O register by using the selection lines. If more complexity is needed, a full
FPGA can be mounted on the DB board
Pins
Names
Description
1 – 8
A0 – A7
Address lines
9 – 16
D0 – D7
Data Lines active during Rd or Wr signals
17
Rd
Read: A negative pulse will indicate a sampling of the data on the Data Bus
18
Wr
Write: A Negative pulse will indicate when data is available on the Data Bus
20
Reset
This signal goes low by powering the PTC or by pressing the reset button.
This line can be pulled low by application.
Check firmware documentation for resetting by software.
21-22
SCL / SDA
I
2C Bus
23-30
F8,F9,…,FF
CS lines when the address areas are accessed
31-38
Port E
The full Port E of the ATmega core is mounted to these pins. This allows us to use
advanced features like PWM, UARTS, Time Measurements, etc….


Podobny numer części - MLX91209

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
   Current Sensor IC in VA package
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
   Hall Current Sensor IC in VA package
MLX91209LVACAA-000BU MELEXIS-MLX91209LVACAA-000BU Datasheet
1Mb / 15P
   Current Sensor IC in VA package
MLX91209LVACAA-000CR MELEXIS-MLX91209LVACAA-000CR Datasheet
1Mb / 15P
   Current Sensor IC in VA package
MLX91209 MELEXIS-MLX91209_18 Datasheet
1Mb / 15P
   Hall Current Sensor IC in VA package
More results

Podobny opis - MLX91209

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AAEON Technology
PCM-3532 AAEON-PCM-3532 Datasheet
117Kb / 1P
   Daughter Board for Gene Series
logo
Melexis Microelectronic...
PTC04-DB-HALL02 MELEXIS-PTC04-DB-HALL02 Datasheet
370Kb / 8P
   Daughter Board for Melexis PTC devices
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06_V01 Datasheet
1Mb / 23P
   Daughter Board for Melexis PTC devices
REVISION 7 - 20 December 2021
PTC04-DB-90316 MELEXIS-PTC04-DB-90316 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
PTC04-DB-HALL06 MELEXIS-PTC04-DB-HALL06 Datasheet
1Mb / 14P
   Daughter Board for Melexis PTC devices
logo
AAEON Technology
PICO-APL1 AAEON-PICO-APL1 Datasheet
477Kb / 2P
   BIO Connector for Daughter Board (Optional)
logo
Melexis Microelectronic...
PTC04-DB-HALL03 MELEXIS-PTC04-DB-HALL03 Datasheet
226Kb / 8P
   Daughter Board for Melexis PTC devices
PTC04-DB-922XX MELEXIS-PTC04-DB-922XX Datasheet
354Kb / 8P
   Daughter Board for Melexis PTC devices
logo
Intersil Corporation
HSP45116-DB INTERSIL-HSP45116-DB Datasheet
570Kb / 13P
   HSP45116 Daughter Board
logo
PMC-Sierra, Inc
PM4541 PMC-PM4541 Datasheet
520Kb / 46P
   T1XC EVALUATION DAUGHTER BOARD
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com