Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX92232LSE-AAA-000-RE Arkusz danych(PDF) 3 Page - Melexis Microelectronic Systems

Numer części MLX92232LSE-AAA-000-RE
Szczegółowy opis  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232LSE-AAA-000-RE Arkusz danych(HTML) 3 Page - Melexis Microelectronic Systems

  MLX92232LSE-AAA-000-RE Datasheet HTML 1Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 2Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 3Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232LSE-AAA-000-RE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 3 of 12
Nov/14
3 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
(1, 2)
VDD
+27V
V
Supply Voltage (Load Dump)
(1, 4)
VDD
+32V
V
Supply Current
(1, 2, 3)
IDD
+20
mA
Supply Current
(1, 4, 3)
IDD
+50
mA
Reverse Supply Voltage
(1, 2)
VDDREV
-24
V
Reverse Supply Current
(1, 2, 5)
IDDREV
-20
mA
Reverse Supply Current
(1, 4, 5)
IDDREV
-50
mA
Output Voltage
(1, 2)
VOUT
+27
V
Output Current
(1, 2, 5)
IOUT
+20
mA
Output Current
(1, 4, 6)
IOUT
+75
mA
Reverse Output Voltage
(1)
VOUTREV
-0.5
V
Reverse Output Current
(1, 2)
IOUTREV
-50
mA
Maximum Junction Temperature
(7)
TJ
+165
C
ESD Sensitivity
– HBM
(8)
-
4500
V
ESD Sensitivity
– MM
(9)
-
500
V
ESD Sensitivity
– CDM
(10)
-
1000
V
Magnetic Flux Density
B
Unlimited
mT
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
1 The maximum junction temperature should not be exceeded
2 For maximum 1 hour
3 Including current through protection device
4 For maximum 500ms
5 Through protection device
6 For V
OUT ≤27V.
7 For 1000 hours.
8 Human Model according AEC-Q100-002 standard
9 Machine Model according AEC-Q100-003 standard
10 Charged Device Model according AEC-Q100-011 standard


Podobny numer części - MLX92232LSE-AAA-000-RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92232LSE-AAA-000-RE MELEXIS-MLX92232LSE-AAA-000-RE Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

Podobny opis - MLX92232LSE-AAA-000-RE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com