Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90615 Arkusz danych(PDF) 10 Page - Melexis Microelectronic Systems

Numer części MLX90615
Szczegółowy opis  Infra Red Thermometer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90615 Arkusz danych(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX90615_13 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90615_13 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
MLX90615
Infra Red Thermometer
3901090615
Page 10 of 32
Data Sheet
Rev 005
08 November 2013
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Config register bit meaning (0x02)
0
- Comminucation type is PWM
1
- Comminucation type is SMBus
0
- PWM frequency = 1KHz
1
- PWM frequency = 10KHz
0
- PWM output = To
1
- PWM output = Ta
- 0…63 - Internal RC oscillator trimnming
- MLXreserved - DO NOT alter
0
0
- GAIN = 1 - Amplifier bypassed
MLX reserved - DO NOT alter
0
1
- GAIN = 10
MLX reserved - DO NOT alter
1
0
- GAIN = 40
MLX reserved - DO NOT alter
1
1
- GAIN = 40
MLX reserved - DO NOT alter
0
- Internal shunt regulatior disabled
1
- Internal shunt regulatior enabled
0
0
0
- FORBIDDEN COMBINATION
0
0
1
- IIR (2) a1=1, b1=0
0
1
0
- IIR (3) a1=0.5, b1=0.5
0
1
1
- IIR (4) a1=0.333(3), b1=0.666(6)
1
0
0
- IIR (5) a1=0.25, b1=0.75
1
0
1
- IIR (6) a1=0.2, b1=0.8
1
1
0
- IIR (7) a1=0.166(6), b1=0.833(3)
1
1
1
- IIR (8) a1=0.14286, b1=0.87514
0
MLX reserved - DO NOT alter
Table 7 Config register meaning of the MLX90615 (continued)
*Note: IIR setting 000b must be avoided
Emissivity
: Contains the value for object emissivity correction. The MLX90615 will compensate for the
emissivity of the object measured with respect to that value. The equation for that register is
(
)
(
)
ε
×
=
16384
2
round
hex
dec
Emissivity
Where
( )
(
)
x
round
hex
dec2
represents decimal to hexadecimal conversion with round-off to nearest
value (not truncation). In this case the physical emissivity values are ε 0…1. For details about the emissivity
factor in IR measurements refer to the FAQ section of the current document.
Factory default is 0x4000, which sets the thermometer to an emissivity of 1.0 (emissivity correction is off).
8.3.4 RAM
RAM can be read through SMBus interface. Limited numbers of RAM registers, summarized below
are of interest to the customer.
RAM (16x16)
Name
Address
Read access
Melexis reserved
0x00
Yes
Melexis reserved
0x04
Yes
Raw IR data
0x05
Yes
TA
0x06
Yes
TO
0x07
Yes
Melexis reserved
0x08
Yes
Melexis reserved
0x0F
Yes
Table 8 RAM address list of the MLX90615
TA is the MLX90615 package (ambient) temperature and TO is the object temperature. The output
scale is 0.02°K/LSB. To convert a read object temperature into degrees Celsius the equation is:
[ ]
(
)
15
.
273
02
.
0
07
0
×
=
°
x
RAM
C
T
O
Raw IR data is in sign (1 bit, the MSB) and magnitude (15 bits) format.


Podobny numer części - MLX90615_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90615SSG MELEXIS-MLX90615SSG Datasheet
1Mb / 2P
   Ultra Small, Intelligent Non Contact IR Thermometer
More results

Podobny opis - MLX90615_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
logo
Kingbright Corporation
AP1608F3C KINGBRIGHT-AP1608F3C Datasheet
114Kb / 4P
   INFRA-RED EMITTING DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com