Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90807LUFCBA-002WB Arkusz danych(PDF) 5 Page - Melexis Microelectronic Systems

Numer części MLX90807LUFCBA-002WB
Szczegółowy opis  Integrated Relative and Absolute Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90807LUFCBA-002WB Arkusz danych(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90807LUFCBA-002WB Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90807LUFCBA-002WB Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90807LUFCBA-002WB Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90807LUFCBA-002WB Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90807LUFCBA-002WB Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90807LUFCBA-002WB Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90807LUFCBA-002WB Datasheet HTML 7Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MLX90807/90808
Integrated Relative and Absolute Pressure Sensors
Rev 003
Page 5 of 7
Data Sheet
3901090808
Feb/12
For more information on how the product is delivered, how to perform the assembly of the product and how
the product has been qualified to meet the most stringent automotive quality requirements consult your local
sales representative and ask for access to the following documents:
Pressure Sensors Assembly guidelines
Pressure Sensors Shipping information
Qualifying MEMS based Pressure Sensors
4.General Electrical Specifications
DC Operating Parameters TA = -40
oC to 150 oC, V
DD = 5V (unless otherwise specified)
Parameter
Symbol Min
Typ
Max Units
Supply Voltage
Vdd
4.5
5
5.5
V
Supply Current
Idd
4
7
10
mA
Output Load Resistance
Rload
4.47
100
kOhm
Output Capacitive Load
CLoad
2
47
100
nF
Low Clamping level
(versions CA-1, CB-2, CC-
3, CD-4)
5
7
% Vdd
High Clamping
level(versions CA-1, CB-2,
CC-3, CD-4)
93
95
% Vdd
Low Clamping level (version
AA-0)
6.5
8.5
% Vdd
High Clamping level
(version AA-0)
91
93.5
% Vdd
Linearity error
Vout
-0.3
0.1
0.3
%
FSO
Ratiometricity error
-0.3
0.3
%
FSO
Output hysteresis vs
temperature
-0.3
0.1
0.3
%
FSO
Noise (versions CA-1, CB-
2, CC-3, CD-4)
2
mVrms
Power-up time
5
ms
Response time 10% / 90%
Trp 10 – 90
1.5
ms
Table 3: Electrical specifications
Parameter
Min
Typ
Max Units
Output when sensor is broken
2
% Vdd
Output when Vdd is broken
4
% Vdd
Output when Vss is broken
96
% Vdd
Table 4: Diagnostic features
For more information on the electrical specifications please contact your local sales representative and ask
for the document Pressure Sensors Error Budget.


Podobny numer części - MLX90807LUFCBA-002WB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90807LUF MELEXIS-MLX90807LUF Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
More results

Podobny opis - MLX90807LUFCBA-002WB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
FXPS71407S NXP-FXPS71407S Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 1.4 - 29 November 2023
FXPS71407 NXP-FXPS71407 Datasheet
1Mb / 137P
   DSI3 and PSI5 compatible absolute and relative pressure sensor
Rev. 3.4 - 29 November 2023
logo
Melexis Microelectronic...
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
   Relative Integrated Pressure Sensor
MLX90257 MELEXIS-MLX90257 Datasheet
186Kb / 9P
   Relative Integrated Pressure Sensor
logo
EPCOS
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
   Pressure sensors Absolute pressure transducers
logo
Melexis Microelectronic...
MLX90819 MELEXIS-MLX90819 Datasheet
731Kb / 11P
   Relative Integrated Pressure Sensor Datasheet
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
   Absolute Integrated Pressure Sensor
MLX90808 MELEXIS-MLX90808 Datasheet
165Kb / 8P
   Absolute Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
   Integrated, Absolute Pressure Sensor
logo
NXP Semiconductors
MPX5100 NXP-MPX5100 Datasheet
496Kb / 20P
   MPX5100, 0 to 100 kPa, Differential, Gauge, and Absolute, Integrated, Pressure Sensors
Rev. 14, 12/2018
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com