Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90614 Arkusz danych(PDF) 9 Page - Melexis Microelectronic Systems

Numer części MLX90614
Szczegółowy opis  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614 Arkusz danych(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90614_15 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90614_15 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 9 of 52
Data Sheet
Rev 009
June 29, 2015
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
2
Input high voltage
VIH(Ta,V)
Over temperature and supply
VDD-0.1
V
Input low voltage
VIL(Ta,V)
Over temperature and supply
0.6
V
Output low voltage
VOL
Over temperature and supply,
Isink = 2mA
0.25
V
SCL leakage
ISCL,leak
VSCL=3V, Ta=+85°C
20
µ
A
SDA leakage
ISDA,leak
VSDA=3V, Ta=+85°C
0.25
µ
A
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5A
hex
Wake up request
twake
SDA low
33
ms
SMBus Request
tREQ
SCL low
1.44
ms
Timeout,low
Timeout,L
SCL low
27
33
ms
Timeout, high
Timeout,H
SCL high
45
55
µ
s
Acknowledge setup time
Tsuac(MD)
8-th SCL falling edge, Master
1.5
µ
s
Acknowledge hold time
Thdac(MD)
9-th SCL falling edge, Master
1.5
µ
s
Acknowledge setup time
Tsuac(SD)
8-th SCL falling edge, Slave
2.5
µ
s
Acknowledge hold time
Thdac(SD)
9-th SCL falling edge, Slave
1.5
µ
s
EEPROM
Data retention
Ta = +85°C
10
years
Erase/write cycles
Ta = +25°C
100,000
Times
Erase/write cycles
Ta = +125°C
10,000
Times
Erase cell time
Terase
5
ms
Write cell time
Twrite
5
ms
Table 4: Electrical specification MLX90614Bxx, Dxx
Note: refer to MLX90614Axx notes.


Podobny numer części - MLX90614_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MLX90614AAA ETC2-MLX90614AAA Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
MLX90614AAB ETC2-MLX90614AAB Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
MLX90614ABA ETC2-MLX90614ABA Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
MLX90614ABB ETC2-MLX90614ABB Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
MLX90614BAA ETC2-MLX90614BAA Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
More results

Podobny opis - MLX90614_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com