Zakładka z wyszukiwarką danych komponentów |
|
MLX90614ESF-DAA-000-TU Arkusz danych(PDF) 6 Page - Melexis Microelectronic Systems |
|
MLX90614ESF-DAA-000-TU Arkusz danych(HTML) 6 Page - Melexis Microelectronic Systems |
6 / 51 page MLX90614 family Single and Dual Zone Infra Red Thermometer in TO-39 3901090614 Page 6 of 52 Data Sheet Rev 009 June 29, 2015 7 Electrical Specifications 7.1 MLX90614Axx All parameters are valid for TA = 25 ˚C, VDD =5V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Supplies External supply VDD 4.5 5 5.5 V Supply current IDD No load 1.3 2 mA Supply current (programming) IDDpr No load, erase/write EEPROM operations 1.5 2.5 mA Zener voltage Vz Iz = 75…1000µA (Ta=room) 5.5 5.7 5.9 V Zener voltage Vz(Ta) Iz = 70…1000µA, full temperature range 5.15 5.7 6.24 V Power On Reset POR level VPOR_up Power-up (full temp range) 1.4 1.75 1.95 V POR level VPOR_down Power –down (full temp range) 1.3 1.7 1.9 V POR hysteresis VPOR_hys Full temp range 0.08 0.1 1.15 V VDD rise time (10% to 90% of specified supply voltage) TPOR Ensure POR signal 20 ms Output valid (result in RAM) Tvalid After POR 0.25 s Pulse width modulation 1 PWM resolution PWMres Data band 10 bit PWM output period PWMT,def Factory default, internal oscillator factory calibrated 1.024 ms PWM period stability dPWMT Internal oscillator factory calibrated, over the entire operation range and supply voltage -10 +10 % Output high Level PWMHI Isource = 2 mA VDD-0.2 V Output low Level PWMLO Isink = 2 mA VSS+0.2 V Output drive current IdrivePWM Vout,H = VDD - 0.8V 7 mA Output sink current IsinkPWM Vout,L = 0.8V 13.5 mA Continued on next page |
Podobny numer części - MLX90614ESF-DAA-000-TU |
|
Podobny opis - MLX90614ESF-DAA-000-TU |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |