Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90614KSF-CBA-000-TU Arkusz danych(PDF) 6 Page - Melexis Microelectronic Systems

Numer części MLX90614KSF-CBA-000-TU
Szczegółowy opis  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614KSF-CBA-000-TU Arkusz danych(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90614KSF-CBA-000-TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 6 of 52
Data Sheet
Rev 009
June 29, 2015
7 Electrical Specifications
7.1 MLX90614Axx
All parameters are valid for TA = 25 ˚C, VDD =5V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supplies
External supply
VDD
4.5
5
5.5
V
Supply current
IDD
No load
1.3
2
mA
Supply current
(programming)
IDDpr
No load, erase/write EEPROM
operations
1.5
2.5
mA
Zener voltage
Vz
Iz = 75…1000µA (Ta=room)
5.5
5.7
5.9
V
Zener voltage
Vz(Ta)
Iz = 70…1000µA,
full temperature range
5.15
5.7
6.24
V
Power On Reset
POR level
VPOR_up
Power-up (full temp range)
1.4
1.75
1.95
V
POR level
VPOR_down
Power –down (full temp range)
1.3
1.7
1.9
V
POR hysteresis
VPOR_hys
Full temp range
0.08
0.1
1.15
V
VDD rise time (10% to 90%
of specified supply voltage)
TPOR
Ensure POR signal
20
ms
Output valid
(result in RAM)
Tvalid
After POR
0.25
s
Pulse width modulation
1
PWM resolution
PWMres
Data band
10
bit
PWM output period
PWMT,def
Factory default, internal
oscillator factory calibrated
1.024
ms
PWM period stability
dPWMT
Internal oscillator factory
calibrated, over the entire
operation range and supply
voltage
-10
+10
%
Output high Level
PWMHI
Isource = 2 mA
VDD-0.2
V
Output low Level
PWMLO
Isink = 2 mA
VSS+0.2
V
Output drive current
IdrivePWM
Vout,H = VDD - 0.8V
7
mA
Output sink current
IsinkPWM
Vout,L = 0.8V
13.5
mA
Continued on next page


Podobny numer części - MLX90614KSF-CBA-000-TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MLX90614KSF-CBA ETC2-MLX90614KSF-CBA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614KSF-CBA MELEXIS-MLX90614KSF-CBA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Podobny opis - MLX90614KSF-CBA-000-TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com