Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLX90614KSF-CBA-000-TU Arkusz danych(PDF) 11 Page - Melexis Microelectronic Systems

Numer części MLX90614KSF-CBA-000-TU
Szczegółowy opis  Single and Dual Zone Infra Red Thermometer in TO-39
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MELEXIS [Melexis Microelectronic Systems]
Strona internetowa  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614KSF-CBA-000-TU Arkusz danych(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX90614KSF-CBA-000-TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90614KSF-CBA-000-TU Datasheet HTML 15Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 11 of 52
Data Sheet
Rev 009
June 29, 2015
8.3 Block description
8.3.1 Amplifier
A low noise, low offset amplifier with programmable gain is used for amplifying the IR sensor voltage.
By carefully designing the input modulator and balanced input impedance, the max offset of the system is
0.5µV.
8.3.2 Supply regulator and POR
The module can operate from 3 different supplies:
VDD = 5V
MLX90614Axx
VDD = 3.3V
MLX90614Bxx (battery or regulated supply)
VDD = 8…16V
MLX90614Axx few external components are necessary please refer to “Applications
information” section for information about adopting higher voltage supplies.
The Power On Reset (POR) is connected to Vdd supply. The on-chip POR circuit provides an active (high) level
of the POR signal when the Vdd voltage rises above approximately 0.5V and holds the entire MLX90614 in
reset until the Vdd is higher than the specified POR threshold VPOR . During the time POR is active, the POR
signal is available as an open drain at the PWM/SDA pin. After the MLX90614 exits the POR condition, the
function programmed in EEPROM takes precedence for that pin.
8.3.3 EEPROM
A limited number of addresses in the EEPROM memory can be changed by the customer. The whole
EEPROM can be read through the SMBus interface.
EEPROM (32X16)
Name
Address
Write access
Tomax
0x00
Yes
Tomin
0x01
Yes
PWMCTRL
0x02
Yes
Ta range
0x03
Yes
Emissivity correction coefficient
0x04
Yes
Config Register1
0x05
Yes
Melexis reserved
0x06
No
Melexis reserved
0x0D
No
SMBus address (LSByte only)
0x0E
Yes
Melexis reserved
0x0F
Yes
Melexis reserved
0x10
No
Melexis reserved
0x18
No
Melexis reserved
0x19
Yes
Melexis reserved
0x1A
No
Melexis reserved
0x1B
No
ID number
0x1C
No
ID number
0x1D
No
ID number
0x1E
No
ID number
0x1F
No
Table 5: EEPROM table
The addresses Tomax, Tomin and Ta range are for customer dependent object and ambient temperature
ranges. For details see section 8.5.3 below in this document
The address Emissivity contains the object emissivity (factory default 1.0 = 0xFFFF), 16 bit.
Emissivity = dec2hex[ round( 65535 x ε) ]
Where dec2hex[ round( X ) ] represents decimal to hexadecimal conversion with round-off to nearest value (not
truncation). In this case the physical emissivity values are ε = 0.1…1.0.
Erase (write 0) must take place before write of desired data is made.


Podobny numer części - MLX90614KSF-CBA-000-TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MLX90614KSF-CBA ETC2-MLX90614KSF-CBA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614KSF-CBA MELEXIS-MLX90614KSF-CBA Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Podobny opis - MLX90614KSF-CBA-000-TU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Melexis Microelectronic...
MLX90614 MELEXIS-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone Infra Red Thermometer in TO-39
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com