Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14517B Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14517B
Szczegółowy opis  Dual 64-Bit Static Shift Register
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14517B Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14517B_14 Datasheet HTML 1Page - ON Semiconductor MC14517B_14 Datasheet HTML 2Page - ON Semiconductor MC14517B_14 Datasheet HTML 3Page - ON Semiconductor MC14517B_14 Datasheet HTML 4Page - ON Semiconductor MC14517B_14 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 9
1
Publication Order Number:
MC14517B/D
MC14517B
Dual 64-Bit Static Shift
Register
The MC14517B dual 64−bit static shift register consists of two
identical, independent, 64−bit registers. Each register has separate clock
and write enable inputs, as well as outputs at bits 16, 32, 48, and 64. Data
at the data input is entered by clocking, regardless of the state of the write
enable input. An output is disabled (open circuited) when the write enable
input is high. During this time, data appearing at the data input as well as
the 16−bit, 32−bit, and 48−bit taps may be entered into the device by
application of a clock pulse. This feature permits the register to be loaded
with 64 bits in 16 clock periods, and also permits bus logic to be used.
This device is useful in time delay circuits, temporary memory storage
circuits, and other serial shift register applications.
Features
Diode Protection on All Inputs
Fully Static Operation
Output Transitions Occur on the Rising Edge of the Clock Pulse
Exceedingly Slow Input Transition Rates May Be Applied to the
Clock Input
3−State Output at 64th−Bit Allows Use in Bus Logic Applications
Shift Registers of any Length may be Fully Loaded with 16 Clock
Pulses
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load Over the Rated Temperature Range
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
−0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation per Package (Note 1)
PD
500
mW
Operating Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: Plastic “D/DW” Package: –7.0 mW/
_C From 65_C to
125
_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
MC14517BDWR2G
SOIC−16 WB
(Pb−Free)
1000 /
Tape & Reel
MC14517BDWG
SOIC−16 WB
(Pb−Free)
47 Units/Rail
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
SOIC−16 WB
DW SUFFIX
CASE 751G
16
1
14517B
AWLYYWWG
1
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
CB
WEB
Q48B
Q16B
VDD
DB
Q32B
Q64B
CA
WEA
Q48A
Q16A
VSS
Q32A
Q64A
DA
NLV14517BDWR2G SOIC−16 WB
(Pb−Free)
1000 /
Tape & Reel


Podobny numer części - MC14517B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14517BCP ONSEMI-MC14517BCP Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14517BCP ONSEMI-MC14517BCP Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
MC14517BCPG ONSEMI-MC14517BCPG Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
MC14517BDW ONSEMI-MC14517BDW Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
MC14517BDW ONSEMI-MC14517BDW Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
More results

Podobny opis - MC14517B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
Hitachi Semiconductor
HD14517B HITACHI-HD14517B Datasheet
96Kb / 5P
   Dual 64-bit Static Shift Register
logo
NXP Semiconductors
HEF4517B PHILIPS-HEF4517B Datasheet
75Kb / 8P
   Dual 64-bit static shift register
January 1995
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Fairchild Semiconductor
4731B FAIRCHILD-4731B Datasheet
284Kb / 2P
   QUAD 64-BIT STATIC SHIFT REGISTER
logo
NXP Semiconductors
74HC7731 PHILIPS-74HC7731 Datasheet
49Kb / 8P
   Quad 64-bit static shift register
September 1993
HEF4731B PHILIPS-HEF4731B Datasheet
49Kb / 4P
   Quadruple 64-bit static shift register
January 1995
logo
STMicroelectronics
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
   DUAL 64-STAGE STATIC SHIFT REGISTER
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_06 Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
   DUAL 64 STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com