Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14532BDG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14532BDG
Szczegółowy opis  8-Bit Priority Encoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14532BDG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14532BDG Datasheet HTML 1Page - ON Semiconductor MC14532BDG Datasheet HTML 2Page - ON Semiconductor MC14532BDG Datasheet HTML 3Page - ON Semiconductor MC14532BDG Datasheet HTML 4Page - ON Semiconductor MC14532BDG Datasheet HTML 5Page - ON Semiconductor MC14532BDG Datasheet HTML 6Page - ON Semiconductor MC14532BDG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 9
1
Publication Order Number:
MC14532B/D
MC14532B
8-Bit Priority Encoder
The MC14532B is constructed with complementary MOS (CMOS)
enhancement mode devices. The primary function of a priority
encoder is to provide a binary address for the active input with the
highest priority. Eight data inputs (D0 thru D7) and an enable input
(Ein) are provided. Five outputs are available, three are address outputs
(Q0 thru Q2), one group select (GS) and one enable output (Eout).
Features
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low−Power TTL Loads or One Low−Power
Schottky TTL Load over the Rated Temperature Range
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin,
Vout
−0.5 to VDD + 0.5
V
Input or Output Current
(DC or Transient) per Pin
Iin, Iout
±10
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Lead Temperature (8 Sec Soldering)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Package: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
TRUTH TABLE
Input
Output
Ein
D7
D6
D5
D4
D3
D2
D1
D0
GS
Q2
Q1
Q0
Eout
0
X
X
X
X
X
X
X
X
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
X
X
X
X
X
X
X
1
1
1
1
0
1
0
1
X
X
X
X
X
X
1
1
1
0
0
1
0
0
1
X
X
X
X
X
1
1
0
1
0
1
0
0
0
1
X
X
X
X
1
1
0
0
0
1
0
0
0
0
1
X
X
X
1
0
1
1
0
1
0
0
0
0
0
1
X
X
1
0
1
0
0
1
0
0
0
0
0
0
1
X
1
0
0
1
0
1
0
0
0
0
0
0
0
1
1
0
0
0
0
X = Don’t Care
SOIC−16
D SUFFIX
CASE 751B
MARKING DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL
= Wafer Lot
YY, Y = Year
WW
= Work Week
G
= Pb−Free Package
14532BG
AWLYWW
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D2
D3
GS
Eout
VDD
Q0
D0
D1
D7
D6
D5
D4
VSS
Q1
Q2
Ein
PIN ASSIGNMENT
1
1


Podobny numer części - MC14532BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14532BDG ONSEMI-MC14532BDG Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
More results

Podobny opis - MC14532BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
[Old version datasheet]   CMOS 8-Bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
   CMOS 8-Bit Priority Encoder
December 1992
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com