Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14512BDR2G Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14512BDR2G
Szczegółowy opis  8-Channel Data Selector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14512BDR2G Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14512BDR2G Datasheet HTML 1Page - ON Semiconductor MC14512BDR2G Datasheet HTML 2Page - ON Semiconductor MC14512BDR2G Datasheet HTML 3Page - ON Semiconductor MC14512BDR2G Datasheet HTML 4Page - ON Semiconductor MC14512BDR2G Datasheet HTML 5Page - ON Semiconductor MC14512BDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14512B
http://onsemi.com
4
Figure 1. Power Dissipation Test Circuit and Waveform
VDD
ID
CL
Z
DISABLE
INHIBIT
A
B
C
X0
X1
X2
X3
X4
X5
X6
X7
VSS
PULSE
GENERATOR
50%
Vin
50%
DUTY
CYCLE
Parameter
Test Conditions
Inhibit to Z
A, B, C = VSS, XO = VDD
A, B, C to Z
Inh = VSS, XO = VDD
Figure 2. AC Test Circuit and Waveforms
VDD
VSS
VOH
VOL
VDD
VSS
VOH
VOL
VDD
CL
Z
DISABLE
INHIBIT
A
B
C
X0
X1
X2
X3
X4
X5
X6
X7
VSS
PULSE
GENERATOR
20 ns
20 ns
90%
50%
10%
tPLH
tPHL
90%
10%
50%
DATA
Z
tTLH
tTHL
TEST CONDITIONS:
INHIBIT = VSS
A, B, C = VSS
20 ns
20 ns
tPHL
tPLH
50%
90%
10%
tTHL
tTLH
Z
INHIBIT,
A, B, OR C
90%
50%
10%
Figure 3. 3−State AC Test Circuit and Waveform
Test
S1
S2
S3
S4
tPHZ
Open
Closed
Closed
Open
tPLZ
Closed
Open
Open
Closed
tPZL
Closed
Open
Open
Closed
tPZH
Open
Closed
Closed
Open
Switch Positions for 3−State Test
Z
DISABLE
INHIBIT
A
B
C
X0
X1
X2
X3
X4
X5
X6
X7
VSS
PULSE
GENERATOR
VDD
VDD
CL
1k
S1
S2
VSS
VDD
S3
S4
VSS
VDD
VOH
VOL
20 ns
90%
50%
10%
tPLZ
tPZL
20 ns
DISABLE
INPUT
OUTPUT
OUTPUT
VSS
VOH
VOL
10%
90%
90%
10%
tPHZ
tPZH
≈ 2.5 V @ VDD = 5 V,
10 V, AND 15 V
≈ 2 V @ VDD = 5 V
≈ 6 V @ VDD = 10 V
≈ 10 V @ VDD = 15 V


Podobny numer części - MC14512BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14512BDR2G ONSEMI-MC14512BDR2G Datasheet
93Kb / 7P
   8?묬hannel Data Selector
November, 2006 ??Rev. 7
More results

Podobny opis - MC14512BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
   8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
   8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
logo
Fairchild Semiconductor
CD4512BC FAIRCHILD-CD4512BC Datasheet
78Kb / 8P
   8-Channel Buffered Data Selector
logo
Texas Instruments
CD4512B TI1-CD4512B Datasheet
1Mb / 16P
[Old version datasheet]   CMOS 8-Channel Data Selector
CD4512B TI1-CD4512B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Channel Data Selector
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com