Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZY93C39 Arkusz danych(PDF) 1 Page - Littelfuse

Numer części BZY93C39
Szczegółowy opis  BZY93 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BZY93C39 Arkusz danych(HTML) 1 Page - Littelfuse

  BZY93C39 Datasheet HTML 1Page - Littelfuse BZY93C39 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zeners/Studs
324
www .littelfuse .com
FEATURES
Voltage Range 7.5 -75 Volts
1500 Watt Peak Pulse Power
20 Watt Steady State @ 75°C
15 Watt Steady State @ 100°C
Glass passivated junction
1500 Watt surge capability at 1 ms
Typically IR less than 5 µA above 10V
Excellent clamping capability
Stud cathode & stud anode
Operating temperature -55°C to +175°C
100% tested
MECHANICAL CHARACTERISTICS
Case: Hermetically sealed DO-4 outline
Finish: All external surfaces are corrosion resistant and
terminal solderable
Polarity: Indicated by direction of zener symbol
Weight: 4.2 grammes excluding mounting kit (approx)
Torque setting 13inch/lb
ELECTRICAL DATA
Forward voltage VF1.5V max @ IF
≤ 5A 300µS square
wave pulse
Vz measured with pulse
≤ 100µS and duty cycle ≤ 0.001
Rz determined with DC plus 10% superimposed AC @ 1KHz
STUD CATHODE NORMAL
STUD ANODE REVERSE
BZY93C
Voltage
N = Stud Cathode Normal
R = Stud Anode Reverse
ORDERING INFORMATION
All dimensions in mm
BZY93 Series
AVAILABLE IN THE
FOLLOWING CONFIGURATIONS


Podobny numer części - BZY93C39

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Naina Semiconductor ltd...
BZY93C39 NAINA-BZY93C39 Datasheet
170Kb / 1P
   ZENER DIODE
BZY93C39 NAINA-BZY93C39 Datasheet
119Kb / 2P
   Zener Diodes (Studs)
logo
New Jersey Semi-Conduct...
BZY93C39 NJSEMI-BZY93C39 Datasheet
75Kb / 1P
   MECHANICAL CHARACTERISTICS
BZY93C39 NJSEMI-BZY93C39 Datasheet
103Kb / 1P
   Voltage Range 7.5 -75 Volts
logo
Naina Semiconductor ltd...
BZY93C39R NAINA-BZY93C39R Datasheet
119Kb / 2P
   Zener Diodes (Studs)
More results

Podobny opis - BZY93C39

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com