Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

APDS-9500 Arkusz danych(PDF) 24 Page - AVAGO TECHNOLOGIES LIMITED

Numer części APDS-9500
Szczegółowy opis  Imaging-Based Proximity and Gesture Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9500 Arkusz danych(HTML) 24 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9500 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 26Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Proximity Mode Controls
Bank
Register Name
Addr
Bits
Default
Value
R/W
Description
0
R_Prox_UB
0x69
7:0
0xC8
R/W
Proximity up bound
0
R_Prox_LB
0x6A
7:0
0x40
R/W
Proximity low bound
0
S_State
0x6B
7:0
-
R
PS approach state
1: Approach, (S_AvgY ≥ R_Pox_UB)
0: Not approach, (S_AvgY ≤ R_Pox_LB)
(Only functional at proximity detection mode)
0
S_AvgY
0x6C
7:0
-
R
Proximity object average brightness
Image Controls
Bank
Address
Register Name
Default Value
R/W
Description
0
0x5B
Trigger
0x00
R/W
Trigger mode use only, as setting to one, trigger IC to
report one frame
1
0x77
R_SRAM_Read_EnH
0x00
R/W
SRAM read enable, active high
1
0x7C
R_SPIOUT_PXDNUM [7:0]
0x384
R/W
SPI output pixel amount
1
0x7D
R_SPIOUT_PXDNUM [15:8]
R/W
1
0x7E
R_SPIOUT_CSN_MODE [1:0]
0x00
R/W
Bit [3:2]
0: Follow TG_VsyncO
1: Follow IDLE time
2: Follow LED
3: Reserved
1
0x7E
R_SPIOUT_EnH
0x00
R/W
Bit[0]
SPI output enable, active high
Background Controls
Bank
Register Name
Addr
Bits
Default
Value
R/W
Description
0
R_UseBGModel
0x9F
0
0x01
R/W
Background model enable
0
R_BGUseDiffWeight
0x9F
1
0x00
R/W
When calculating object center, use the weight be-
tween background and pixel
0
R_BGUpdateAtProcess
0x9F
2
0x00
R/W
Update background at process state
0
R_BGUpdateMaxIntensity_En
0x9F
3
0x01
R/W
Background up bound threshold enable
0
R_BGUpdateMaxIntensity
0xA0
7:0
0x03
R/W
Background up bound threshold, if pixel data >
R_BGUpdateMaxIntensity × 2, update this pixel to BG
SRAM
0
R_BGFilterLengthUp
0xA1
1:0
0x01
R/W
IIR filter weight of updating background not at pro-
cess state,
IIR Filter Out (X : previous data, X' : current date) =
X × 2R_BGFilterLength – 1 + X'} / 2R_BGFilterLength
0
R_BGFilterLengthDown
0xA1
5:4
0x10
R/W
IIR filter weight of updating background at process
state
0
R_BGDiffThd
0xA2
5:0
0x08
R/W
Only if the difference between BG and pixel > R_BG-
DiffThd, this will be taken as part of object
0
R_BGUpdateFreq
0xA3
7:0
0x00
R/W
Low byte: Update background per this number
frames
0
R_BGUpdateFreq
0xA4
1:0
0x03
R/W
High byte: Update background per this number
frames
0
R_BGResolution
0xA4
5:4
0x03
R/W
Background resolution,
BG data = pixel data << R_BGResolution


Podobny numer części - APDS-9500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002-021 HP-APDS-9002-021 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Podobny opis - APDS-9500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
   Photometric Sensor for Gesture and Proximity
logo
STMicroelectronics
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
   Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9960 AVAGO-APDS-9960 Datasheet
1Mb / 38P
   Digital Proximity, Ambient Light, RGB and Gesture Sensor
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
ams AG
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
ams AG
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
   Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
logo
Melexis Microelectronic...
MLX75031 MELEXIS-MLX75031 Datasheet
1Mb / 67P
   Optical Gesture & Proximity Sensing IC
logo
STMicroelectronics
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
   Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com