Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7-1393117-3 Arkusz danych(PDF) 2 Page - TE Connectivity Ltd

Numer części 7-1393117-3
Szczegółowy opis  Wide selection of termination and mounting styles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393117-3 Arkusz danych(HTML) 2 Page - TE Connectivity Ltd

  7-1393117-3 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 4Page - TE Connectivity Ltd 7-1393117-3 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Relays
Industrial Relays
KUP Series Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Other Data (continued)
Category of environmental protection
IEC 61810
RT0 - open relay; RTI - dust protected
Terminal type
Quick connects (QC), .187, .205 or .250;
PCB-THT
Terminal retention, push force
QC .205
17 lbs for 3s
QC .187, QC .250, PCB
25 lbs for 3s
Weight
85g
Packaging/unit
tray/25 pcs., box/150pcs.
Accessories
For details see datasheet
Sockets and Accessories, KUP Relays
Product Code Description
27E893
DIN socket (use 20C318 clip)
27E121
Track mount socket (use 20C314 clips)
27E043
Chassis mount/solder eyelet socket (use 20C254 clip)
27E046
Chassis mount/PCB socket (use 20C254 clip)
27E067
Chassis mount/quick connect socket (use 20C254 clip)
27E396
Snap-in/quick connect socket (use 20C254 clip)
Insulation Data
Initial dielectric strength
between open contacts
1200Vrms
between contact and coil
2200Vrms
between adjacent contacts
2200Vrms
Initial insulation resistance
between insulated elements
100MΩ, 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
DC coil
Enclosed relays, 4 pole: -45ºC to 50ºC
Enclosed relays, 1-3 pole: -45ºC to 70ºC
Open relays: 15ºC higher maximum
AC coil
Enclosed relays, 3 and 4 pole: -45°C to +45°C
Enclosed relays, 1 and 2 pole: -45ºC to +55ºC
Open relays: 15°C higher maximum
Maximum allowable ambient temperature vs voltage (KUP enlcosed)
Dimensions
KU bracket type
2.43 MAX.*
(61.72)
2.33 MAX.**
(59.18)
2.29 MAX.***
(58.17)
1.437
(36.50)
.19
(4.8)
.63
(16.0)
(2) #6-32 THREAD
TAPPED HOLES
2.27 MAX.*
(57.7)
2.171 MAX.**
(55.14)
2.125 MAX.***
(53.98)
.16
(4.1)
.63
(16.0)
X
X
X
KU stud type
2.27 MAX.*
(57.7)
2.171 MAX.**
(55.14)
2.125 MAX.***
(53.98)
1.391
(35.33)
.065
(1.65)
1.39 MAX.*
(35.3)
1.29 MAX.**
(32.8)
1.25 MAX.***
(31.8)
.437
(11.10)
.218
(5.54)
1.282 MAX.
(35.56)
1.468 MAX.
(37.29)
1
2
3
4
5
6
7
8
9
A
B
.150
TAB WIDTH
(3.81)
.31
(7.9)
.109 MAX.
(2.77)
#6-32
THREAD
1.687 MAX.
(42.85)
.031 REF.
(.79)
.031 REF.
(.79)
Seated Heights For KU (open) Relays
1.391” (35.33mm) for #6-32 stud
with .218” (5.54mm) locating tab.
1.52” (38.6mm) for bracket
with 2-#6 32 tapped holes.
1.282” (32.56mm) for #6-32 tapped core
with .125” (3.18mm) or .218” (5.54mm) locating tab.
2.046” (51.97mm) for relay
with printed circuit terminals.
STUD TYPE also available with .125” (3.18mm)
tab, as well as without stud and locating tab.
Models without stud have core tapped #6-32
THREAD, .25” (6.4mm) minimum depth.
*Dimensions with .250” (6.35mm) terminals.
** Dimensions with .110” (2.79mm) or .205” (5.21mm) terminals.
*** Dimensions with .187” (4.75mm) terminals.
Relay front diagrams
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
5
6
7
8
9
A
B
1
2
3
4
5
6
7
9
A
B
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
Models with 6.35mm
1-3 pole models with
4 pole models
(.250) QC terminals
all other terminals
1
2
3
4
A
B
5
6
7
8
9
10
11 12
1.406 MAX.
(35.71)
1.531 MAX.
(38.89)
1
2
3
4
70°
60°
50°
40°
30°
20°
100 110 120 130 140 150 160
% of Nominal Voltage DC
1.8
Wa
tt DC
Coi
l
1.2
Wa
tt D
C C
oil
75°
70°
60°
50°
40°
30°
20°
100
110
120
130
140
% Of Nominal 60 Hz. Voltage
75°


Podobny numer części - 7-1393117-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
7-1393117-3 TEC-7-1393117-3 Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
More results

Podobny opis - 7-1393117-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
S86R MACOM-S86R Datasheet
114Kb / 2P
   Variety of mounting styles
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
   WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
   Wide Selection of Panel Seal Boots
logo
WALSIN TECHNOLOGY CORPO...
MT18N102J500CT WALSIN-MT18N102J500CT Datasheet
5Mb / 27P
   A wide selection of sizes is available
logo
Vishay Siliconix
SIP56XX VISHAY-SIP56XX Datasheet
173Kb / 2P
   Auto selection of S/E or LVD SCSI termination
logo
Omron Electronics LLC
EE-SX670 OMRON-EE-SX670 Datasheet
182Kb / 8P
   Photomicrosensor with Dark-ON Indicator in Variety of Mounting Styles
logo
M/A-COM Technology Solu...
AG314 MA-COM-AG314 Datasheet
473Kb / 70P
   Principles, Applications and Selection of Receiving Diodes
logo
PANDUIT CORP.
LC5-A-C8 PANDUIT-LC5-A-C8 Datasheet
488Kb / 8P
   SELECTION AND USE OF ADHESIVE BACKED MOUNTS AND DEVICES
logo
Exar Corporation
XR34350 EXAR-XR34350 Datasheet
404Kb / 20P
   Internal Termination and Wide Output Swing
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com