Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4-1393104-4 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części 4-1393104-4
Szczegółowy opis  Octal type termination for quick installation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393104-4 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  4-1393104-4 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393104-4 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393104-4 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
KRPA Series Panel Plug-in Relay (Continued)
Potter & Brumfield
Product Code
Arrangement
Contact Material
Coil
Option
Part Number
KA-5AG-120
1 form C, 1 CO
AgCdO
120VAC
Open style
7-1393099-1
KA-5AY-120
Ag
7-1393099-3
KA-5DG-6
AgCdO
6VDC
7-1393099-9
KA-5DG-12
12VDC
7-1393099-7
KA-5DG-110
110VDC
7-1393099-6
KA-11AG-120
2 form C, 2 CO
120VAC
3-1393099-6
KA-11AY-6
Ag
6VAC
4-1393099-1
KA-11AY-24
24VAC
4-1393099-0
KA-11AY-120
120VAC
3-1393099-9
KA-11DG-12
AgCdO
12VDC
4-1393099-3
KA-11DG-24
24VDC
4-1393099-5
KA-11DG-110
110VDC
4-1393099-2
KA-14AG-120
3 form C, 3 CO
120VAC
5-1393099-0
KA-14AY-120
Ag
5-1393099-4
KA-14DG-24
AgCdO
24VDC
5-1393099-7
KA-14DG-110
110VDC
5-1393099-5
KRPA-5AG-24
1 form C, 1 CO
24VAC
None
9-1393104-9
KRPA-5AG-120
120VAC
9-1393104-8
KRPA-5DG-6
6VDC
1393105-5
KRPA-5DG-12
12VDC
1393105-3
KRPA-5DG-24
24VDC
1393105-4
KRPA-5DY-12
Ag
12VDC
1393105-6
KRPA-5DY-24
24VDC
1393105-7
KRPA-11AG-6
2 form C, 2 CO
AgCdO
6VAC
2-1393104-8
KRPA-11AG-12
12VAC
2-1393104-4
KRPA-11AG-24
24VAC
1-1393105-2
KRPA-11AG-120
120VAC
2-1393104-5
KRPA-11AG-240
240VAC
2-1393104-7
KRPA-11AN-12
12VAC
Indicator
3-1393104-1
KRPA-11AN-24
24VAC
3-1393104-3
KRPA-11AN-120
120VAC
3-1393104-2
KRPA-11AN-240
240VAC
3-1393104-4
KRPA-11AY-6
Ag
6VAC
None
3-1393104-9
KRPA-11AY-12
12VAC
3-1393104-5
KRPA-11AY-24
24VAC
3-1393104-7
KRPA-11AY-120
120VAC
3-1393104-6
KRPA-11AY-240
240VAC
3-1393104-8
KRPA-11DG-6
AgCdO
6VDC
4-1393104-7
KRPA-11DG-12
12VDC
4-1393104-3
KRPA-11DG-24
24VDC
4-1393104-5
KRPA-11DG-48
48VDC
4-1393104-6
KRPA-11DG-110
110VDC
4-1393104-2
KRPA-11DG-125
125VDC
4-1393104-4
KRPA-11DG-24
24VDC
4-1393104-5
KRPA-11DG-48
48VDC
4-1393104-6
KRPA-11DN-12
12VDC
Indicator
5-1393104-0
KRPA-11DN-24
24VDC
5-1393104-1
KRPA-11DN-110
110VDC
4-1393104-9
KRPA-11DY-12
Ag
12VDC
None
5-1393104-6
KRPA-11DY-24
24VDC
5-1393104-7
KRPA-14AG-12
3 form C, 3 CO
AgCdO
12VAC
6-1393104-4
KRPA-14AG-24
24VAC
6-1393104-7
KRPA-14AG-120
120VAC
6-1393104-5
KRPA-14AG-240
240VAC
6-1393104-8
KRPA-14AN-24
24VAC
Indicator
7-1393104-4
KRPA-14AN-120
120VAC
7-1393104-3
KRPA-14AN-240
240VAC
7-1393104-5
KRPA-14AY-24
Ag
24VAC
None
7-1393104-8
KRPA-14AY-120
120VAC
7-1393104-7
KRPA-14AY-240
240VAC
7-1393104-9
KRPA-14DG-12
AgCdO
12VDC
8-1393104-2
KRPA-14DG-24
24VDC
8-1393104-4
KRPA-14DG-48
48VDC
8-1393104-5
KRPA-14DG-110
110VDC
8-1393104-1
KRPA-14DG-125
125VDC
8-1393104-3
KRPA-14DN-24
24VDC
Indicator
9-1393104-0
KRPA-14DY-24
Ag
None
9-1393104-3


Podobny numer części - 4-1393104-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
4-1393104-4 MACOM-4-1393104-4 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
More results

Podobny opis - 4-1393104-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ANNEQ-50X MINI-ANNEQ-50X Datasheet
161Kb / 2P
   Termination Quick-Turn
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
Mini-Circuits
KARN-50++ MINI-KARN-50+ Datasheet
119Kb / 1P
   Termination N-Type
TERM-500W-14N MINI-TERM-500W-14N Datasheet
251Kb / 1P
   Termination N-Type
logo
Recom International Pow...
RELV4-16 RECOM-RELV4-16 Datasheet
311Kb / 3P
   Suitable for DALI Installation
logo
PHOENIX CONTACT
1424699 PHOENIX-1424699 Datasheet
91Kb / 4P
   Quick and easy installation, thanks to Push-in connection technology
1424666 PHOENIX-1424666 Datasheet
91Kb / 4P
   Quick and easy installation, thanks to Push-in connection technology
1424677 PHOENIX-1424677 Datasheet
95Kb / 4P
   Quick and easy installation, thanks to Push-in connection technology
logo
Ralston Instruments.
QTHA-2MB0-RS RALSTON-QTHA-2MB0-RS Datasheet
336Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
QTHA-3MB0-RS RALSTON-QTHA-3MB0-RS Datasheet
336Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for temporary installation
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com