Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1393210-7 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części 3-1393210-7
Szczegółowy opis  Plastic sealed case available
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393210-7 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  3-1393210-7 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393210-7 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393210-7 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393210-7 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Relays
Power Relays
T9A Series, DC Coil 30A PCB or Panel Mount Relay (Continued)
09-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal assignment
Bottom view on pins
1 Form A
1 Form B
1 Form C
Product code structure
Typical product code
T9A
S
5
D
2
2
-12
Type
T9A
Power PCB or panel mount relay T9A
Enclosure
N Open, no enclosure (requires mounting code 1)
P Dust protected plastic case (requires mounting code 5)
S Wash-tight plastic case with knock off nib (requires mounting code 1 or 2)
V
Flux-proof plastic case (requires mounting code 1 or 2)
Contact arrangement
1
1 form A (1 NO)
2
1 form B (1 NC)
5
1 form C (1 CO)
Coil Input
D DC voltage, 1W
L
DC voltage, 900mW
H1) DC voltage, 1W (+0/-10 percent coil resistance)
Mounting and termination
1
PCB mounting; PCB terminals for coil and contacts (only available with enclosure code N, S or V)
2
PCB mounting; PCB term. for coil and contacts; 6.35mm (.250in) QC for contacts (only available with enclosure code N, S or V)
5
Flanged mounting; 4.75mm (.187) QC for coil; 6.35mm (.250in) QC for contacts (only available with enclosure code P)
Contact material
2
AgCdO
4
AgSnOInO
7
AgCdO (Enhanced version)
Coil voltage
Coil code: please refer to coil versions table
1) “H” type coil is only available in mounting termination options 2 & 5.
Dimensions
Plain case
Bracket mount case
.032 x .062
(.8 x 1.6)
TERMINALS
.212 MAX.
(5.38)
.10 MAX.
(2.54)
.045 x .045
(1.14 x 1.14)
TERMINAL
.805 MAX.
(20.4)
.69
(17.6)
1.280 MAX.
(32.51)
1.08 MAX.
(27.43)
.50
(12.8)
.03
(.80)
TERMINALS
.130 + .016
– .010
3.30 + .41
–.25
(
)
Ø
.016
(.43)
.950 MAX.
(24.13)
1.20 MAX.
(30.5)
.680 MAX.
(17.27)
.130 ± .020
(3.3 ± .51)
.045 x .045
(1.14 x 1.14)
TERMINAL
.032 x .062
(.8 x 1.6)
TERMINALS
.03
(0.80)
TERMINALS
Ø
PCB layout
Bottom view on pins
T9AP/S - Mounting and termination code 2
T9AS/V - Mounting and termination code 1
.140 MAX.
(3.56)
.250 MAX.
(6.35)
.300
(7.62)
.100
(2.54)
.150
(3.81)
.500
(12.7)
.550
(13.97)
.700
(17.78)
.043 ± .003 DIA.
(1.09 ± .08)
.081 ± .005 DIA.
(2.06 ± .13)
.600
(15.24)
.078 ± .003 DIA.
(1.98 ± .08)
.300
(7.62)
.100
(2.54)
.150
(3.81)
.500
(12.7)
.550
(13.97)
.700
(17.78)
.043 ± .003 DIA.
(1.09 ± .08)
.081 ± .005 DIA.
(2.06 ± .13)
.600
(15.24)
.212 MAX.
(5.38)
.078 ± .003 DIA.
(1.98 ± .08)
Only necessary terminals are
present on single throw models.
Consequently, some holes will
be unnecessary for single throw
models.
Only necessary terminals are
present on single throw models.
Consequently, some holes will
be unnecessary for single throw
models.
Diagram Dimensions
Tolerance
<1mm
±0.1
1~3mm
±0.2
>3mm
±0.3
Notes:
1) General tolerance
2) Dimensions of the pins after tin soldering for PCB type
a) +0.2 for the widht and thickness
b) +0.5 for the lenght


Podobny numer części - 3-1393210-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
3-1393210-7 TEC-3-1393210-7 Datasheet
775Kb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
06-2022, Rev. 2
More results

Podobny opis - 3-1393210-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
T9A-2X TEC-T9A-2X Datasheet
592Kb / 3P
   Plastic sealed case available
logo
American Zettler, Inc.
AZ7705 AZETTLER-AZ7705 Datasheet
496Kb / 2P
   Epoxy sealed available
logo
jb Capacitors Company
JFO JBCAPACITORS-JFO Datasheet
176Kb / 1P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFZ JBCAPACITORS-JFZ Datasheet
365Kb / 3P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
JFV JBCAPACITORS-JFV Datasheet
494Kb / 7P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
logo
Suntan Capacitors
TS08V SUNTAN-TS08V Datasheet
124Kb / 1P
   NON ??INDUCTIVE, (UL940V-0) PLASTIC CASE SEALED WITH EPOXY RESIN
logo
Cornell Dubilier Electr...
160 CDE-160 Datasheet
141Kb / 6P
   Rugged plastic case
logo
DB Lectro Inc
JZC-33F DBLECTRO-JZC-33F Datasheet
356Kb / 3P
   Sealed & Unsealed types available
logo
American Zettler, Inc.
AZ6975 AZETTLER-AZ6975 Datasheet
1,021Kb / 3P
   Epoxy sealed version available
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com