Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3914N Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM3914N
Szczegółowy opis  Dot/Bar Display Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3914N Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3914N Datasheet HTML 6Page - National Semiconductor (TI) LM3914N Datasheet HTML 7Page - National Semiconductor (TI) LM3914N Datasheet HTML 8Page - National Semiconductor (TI) LM3914N Datasheet HTML 9Page - National Semiconductor (TI) LM3914N Datasheet HTML 10Page - National Semiconductor (TI) LM3914N Datasheet HTML 11Page - National Semiconductor (TI) LM3914N Datasheet HTML 12Page - National Semiconductor (TI) LM3914N Datasheet HTML 13Page - National Semiconductor (TI) LM3914N Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Applications (Continued)
Application Example:
Grading 5V Regulators
Highest No.
LED on
Color
V
OUT(MIN)
10
Red
5.54
9
Red
5.42
8
Yellow
5.30
7
Green
5.18
6
Green
5.06
5V
5
Green
4.94
4
Green
4.82
3
Yellow
4.7
2
Red
4.58
1
Red
4.46
Expanded Scale Meter, Dot or Bar
DS007970-8
*This application illustrates that the LED supply needs practically no filtering
Calibration: With a precision meter between pins 4 and 6 adjust R1 for voltage VD of 1.20V. Apply 4.94V to pin 5, and adjust R4 until LED No. 5 just lights.
The adjustments are non-interacting.
www.national.com
10


Podobny numer części - LM3914N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3914N-1/NOPB TI1-LM3914N-1/NOPB Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
More results

Podobny opis - LM3914N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
   Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com