Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X.FL-PR-SMT1-2 Arkusz danych(PDF) 4 Page - Hirose Electric

Numer części X.FL-PR-SMT1-2
Szczegółowy opis  Low-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

X.FL-PR-SMT1-2 Arkusz danych(HTML) 4 Page - Hirose Electric

  X.FL-PR-SMT1-2 Datasheet HTML 1Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 2Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 3Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 4Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 5Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 6Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 7Page - Hirose Electric X.FL-PR-SMT1-2 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
X.FL SeriesLow-Profile, Ultraminiature Lightweight SMT Coaxial Connectors - 0.94 or 1.2 mm Mated Height
●Embossed Carrier Tape Dimensions (JIS-C-0806 compliant)
●Embossed Carrier Tape Dimensions (JIS-C-0806 compliant) ●Reel Dimensions
■Receptacles
■Plug Receptacles
0.3
1.7
0.3
2
SIG
GND
GND
0.56
0.18
SIG
No conductive
traces in this area
0.5
1.4
2.6
GND
SIG
GND
SIG
0.3
0.3
1.94
2.28
0.69
0.33
2.8
1.97
1.8
No conductive
traces in this area
24
4
SIG
Unreeling direction
SIG
24
4
Unreeling direction
A
A
13.5
2
φ13
A
A
13.5
2
φ13
*1) The pattern is the same as the W.FL and W.FL2 connectors.
Part No.
HRS No
Packaging
RoHS
X.FL-R-SMT-1
(80)
CL331-0701-8-80
Reel packaging 10,000 pieces per reel
Part No.
HRS No
Packaging
RoHS
X.FL-PR-SMT1-2
(80)
CL331-0713-7-80
Reel packaging 10,000 pieces per reel
Recommended PCB Mounting Pattern (*1)
Recommended PCB Mounting Pattern
Series name: X.FL series
Assembly type LP: Single-ended, 2LP: Double-ended
Connection type
Batch connection type
Cable type
068W:
Ø1.13 coaxial cable
Cable color
1: Grey, 2: Black, 3: White
Cable outer conductor TV: Tin plated braided wire
Total length L (mm)
L length in mm
●Standard Tolerances for (L)
L (mm)
Standard Tolerances (mm)
35
≦ L ≦ 200
±4
200
< L ≦ 500
±8
L (mm)
Standard Tolerances (mm)
500
< L ≦ 1000
±12
1000
< L
±1.5%
Note: Minimum available length (L) is 35 mm.
Plug: X.FL-LP (P)-068 Ø1.13 coaxial cable
Double-Ended
X.FL - 2LP P - 068W「」TV - A - (L)
❶❷
Single-Ended
X.FL - LP P - 068W「」TV - A - (L)
❶❷
●Reel Dimensions


Podobny numer części - X.FL-PR-SMT1-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
X.FL-LP-IN.OUT HIROSE-X.FL-LP-IN.OUT Datasheet
332Kb / 8P
   0.92mm mated height Low Height and Light Weight Miniature Coaxial Connectors Supporting up to 30GHz
2022.1
X.FL-LP-IN.OUT1 HIROSE-X.FL-LP-IN.OUT1 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results

Podobny opis - X.FL-PR-SMT1-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
N.FL HIROSE-N.FL Datasheet
265Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
N-FL HIROSE-N-FL Datasheet
227Kb / 6P
   Lightweight SMT Miniature Coaxial Connectors ??1.4 mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
logo
List of Unclassifed Man...
DF38-30P-SHL ETC2-DF38-30P-SHL Datasheet
419Kb / 10P
   0.3 mm Pitch, 1.5 mm Mated Height, Board- to-Fine Coaxial Cable Connectors
logo
Hirose Electric
MRF03 HIROSE-MRF03 Datasheet
264Kb / 5P
   SMT Low-Profile Coaxial Multiple Contact Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com