Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

W.FL-R-SMT-1(80) Arkusz danych(PDF) 5 Page - Hirose Electric

Numer części W.FL-R-SMT-1(80)
Szczegółowy opis  Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-SMT-1(80) Arkusz danych(HTML) 5 Page - Hirose Electric

  W.FL-R-SMT-1(80) Datasheet HTML 1Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 2Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 3Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 4Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 5Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 6Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 7Page - Hirose Electric W.FL-R-SMT-1(80) Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
W.FL Series
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
Part No.
HRS No.
Packaging
RoHS
HRMP-W.FLJ(40)
311-0367-3 40
1
Yes
Part No.
HRS No.
Packaging
RoHS
HRMJ-W.FLP(40)
311-0368-6 40
1
Yes
Part No.
HRS No.
Packaging
RoHS
HRMJ-W.FLP-ST1(40) 311-0386-8 40
1
Yes
■Conversion Adapters
SMA Conversion Adapter (W.FL side jack – SMA side plug)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
SMA Conversion Adapter (W.FL side plug – SMA side jack)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
SMA Conversion Adapter
Note:When mating with corresponding part (W.FL-
R-SMT-1) it must be pressed down and held
to make complete connection.
5.5
(4)
(18.35)
6
1/4-36UNS-2A
1/4-36UNS-2A
6
(4.05)
13.8
5.6
SMA
W.FL
8HEX
W.FL
SMA
(10.3)


Podobny numer części - W.FL-R-SMT-1(80)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W.FL-R-SMT-110 HIROSE-W.FL-R-SMT-110 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-140 HIROSE-W.FL-R-SMT-140 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results

Podobny opis - W.FL-R-SMT-1(80)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com