Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N-P-5DV(40) Arkusz danych(PDF) 8 Page - Hirose Electric

Numer części N-P-5DV(40)
Szczegółowy opis  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-P-5DV(40) Arkusz danych(HTML) 8 Page - Hirose Electric

Back Button N-P-5DV(40) Datasheet HTML 4Page - Hirose Electric N-P-5DV(40) Datasheet HTML 5Page - Hirose Electric N-P-5DV(40) Datasheet HTML 6Page - Hirose Electric N-P-5DV(40) Datasheet HTML 7Page - Hirose Electric N-P-5DV(40) Datasheet HTML 8Page - Hirose Electric N-P-5DV(40) Datasheet HTML 9Page - Hirose Electric N-P-5DV(40) Datasheet HTML 10Page - Hirose Electric N-P-5DV(40) Datasheet HTML 11Page - Hirose Electric N-P-5DV(40) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
N Series
N type Coaxial Connectors
(1) Insert clamp from tip of cable and fold outer conductor of
cable back onto clamp. Using a knife, cut off excess outar
conductor left at this time.
(2) Cut off center conductor of cable at L2, from surface A of
cable insulation. For dimensions of L2 and L3, refer to Table
1. L3 is a reference dimension.
(3) Solder cable center conductor and male contact (or female
contact). It is a good idea st this time to solder the contact
preliminarily in advance.
(Note: There must be no gap between the contact and the
cable insulation.)
Tightener
Gasket
Outer
conductor
Center
conductor
Jacket
Insulater
L
0
- 0.5
L1
Clamp
Soldered
Male or female
contact
Surface A
(L3)
L2±0.1
Gasket
BCable assembly procedure
Gasket
Nut
Clamp
JUG-536/U(40)
UG-21D/U(40)
N-LP-5DW(40)
UG-23D/U(40)
UG-22D/U(40)
N-PJ-58/U(40)
N-LP-58U(40)
N-P-3DV(40)
N-P-5DV(40)
N-P-5DW(40)
N-P-5DFB(40)
N-P-10DFB(40)
Part
No.
HRS No.
L1  
L0.1
L3
301-0001-4 40
301-0003-0 40
301-0007-0 40
301-0008-3 40
301-0010-5 40
301-0011-8 40
301-0076-3 40
301-0078-9 40
301-0120-3 40
301-0199-3 40
301-0205-4 40
301-0206-7 40
8.6
10.0
11.5
8.5
8.5
7.4
9.2
12.3
11.1
12.0
11.0
11.0
6
6
4
5
5
3
4
6
6
6
6
6
1
1
3.5
1
1
3.2
3.6
4.8
1.5
1.5
5
5
Unit : mm
Table 1 Dimensions L arranged by part number
0
−0.5
The cable ends are processed as shown in the drawing. For
the dimensions L1, refer to Table 1, which shows dimansions
arranged L by part number.
Insert cable and parts into shell and fit sharp end of clamp
completely into V-shaped surface of gasket. Tighten tightening
nut sufficiently.
Remarks
1. The cable dimensions L are based on the MIL and DSP
standards. They may differ somewhat depending on the
type of cable. In such cases, match the dimensions with
the connectors.
2. Some clamps and gaskets does not have not
V-shaped, but the assembling procedures are the
same.


Podobny numer części - N-P-5DV(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DDK Ltd.
N-P-5DFB-1-CF DDK-N-P-5DFB-1-CF Datasheet
321Kb / 12P
   N Style Coaxial Connector
More results

Podobny opis - N-P-5DV(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com