Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N-P-10DFB(40) Arkusz danych(PDF) 2 Page - Hirose Electric

Numer części N-P-10DFB(40)
Szczegółowy opis  50 ohms wide varieties standard connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HIROSE [Hirose Electric]
Strona internetowa  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

N-P-10DFB(40) Arkusz danych(HTML) 2 Page - Hirose Electric

  N-P-10DFB(40) Datasheet HTML 1Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 2Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 3Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 4Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 5Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 6Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 7Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 8Page - Hirose Electric N-P-10DFB(40) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
N Series
N type Coaxial Connectors
■Material
Shell
Brass
Silver plated/Nickel plated
––––––
Male contact
Brass
Silver plated/Gold plated
––––––
Female contact
Beryllium copper
Silver plated/Gold plated
––––––
Insulator
Tetrafluoride resin
––––––
Flame retardant
Packing
Silicone rubber
––––––
Flame retardant
Part
Material
Finish
Remark
Frequency: 10 to 500 Hz, single amplitude of 0.75mm, acceleration
of 98m/s2, for 10 cycles in the direction of each of the 3 axis.
Acceleration of 490 m/s2, 11ms duration, sine half-wave
waveform, 3 cycles in each of 3 axes.
No electrical discontinuity of 1µs min.
No damage, cracks or parts dislocation.
■Product Specifications
Ratings
Nominal characteristic impedance
Frequency range
50 ohms
DC to 2 GHz
Operating temperature range
Operating humidity
-30˚C to +60˚C
95%RH max.
Item
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. V.S.W.R.*
5. Durability
(mating / un-mating,
with corresponding plug)
6. Vibration
7. Shock
8. Humidity
(Steady state)
9. Temperature cycle
10. Salt spray
Specification
3 m ø max.
1000 M ø min.
No flashover or insulation breakdown.
1.2 max.
10 m ø max.
No damage, cracks or parts dislocation.
No damage, cracks or parts dislocation.
No excessive corrosion
Conditions
100 mA max.
500 V DC
1500 V AC / 1 minute
Up to 2GHz
500 cycles
96 hours at temperature of 40ç and humidity of 80% to 96%.
Temperature: -55˚C
/+25 to +65˚C/+85˚C/+5 to +35˚C
Time:
30min.
/
5min.
/30min./
5min.
5 cycles
5% salt water solution, 48 hours
*V.S.W.R. Measurement System
The above V.S.W.R. standard values were measured using the measurement connection as shown below.
Note 1: Connectors with cable are measured with 10 cm of suitable cable attached at both ends.
Network Analyzer
Test Set
Test Port
D.U.T
Termination
Test Port Cable
■Ordering information
●Standard
Series name : N
Connector style
Blank : Straight type
L
: L angle type
T
: T angle type
Connector type
P : Plug
J
: Jack
PJ : Panel jack
R : Receptacle
A : Adapter
PA : Panel adapter
Applicable cable
1
3
4
2
N - L P - 5DW
3
4
2
1
●Product with MIL standard
High freguency coaxial connectors
Product identification number
Improved sign
1
2
3
UG- 21 D /U
3
1
2
1


Podobny numer części - N-P-10DFB(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hirose Electric
N-P-141 HIROSE-N-P-141 Datasheet
306Kb / 6P
   RFCO-AXIAL CONNECTORS
More results

Podobny opis - N-P-10DFB(40)

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BTA100 ETC-BTA100 Datasheet
525Kb / 5P
   Specially Varieties 4Q-Triacs
logo
JFW Industries, Inc.
115-007 JFW-115-007_18 Datasheet
170Kb / 1P
   50 Ohms nominal
115-456 JFW-115-456 Datasheet
182Kb / 1P
   50 Ohms Nominal
115-460 JFW-115-460 Datasheet
180Kb / 1P
   50 Ohms Nominal
115-587 JFW-115-587 Datasheet
178Kb / 1P
   50 Ohms Nominal
115-004 JFW-115-004_18 Datasheet
159Kb / 1P
   50 Ohms nominal
115-006 JFW-115-006_18 Datasheet
169Kb / 1P
   50 Ohms nominal
115-008 JFW-115-008_18 Datasheet
173Kb / 1P
   50 Ohms nominal
115-764 JFW-115-764 Datasheet
191Kb / 1P
   50 Ohms Nominal
115-002 JFW-115-002_18 Datasheet
159Kb / 1P
   50 Ohms nominal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com