Zakładka z wyszukiwarką danych komponentów |
|
U.FL-LP(V)-N-2 Arkusz danych(PDF) 6 Page - Hirose Electric |
|
U.FL-LP(V)-N-2 Arkusz danych(HTML) 6 Page - Hirose Electric |
6 / 6 page 6 N.FL Series ●Lightweight SMT Miniature Coaxial Connectors – 1.4 mm Mated Height 1. Plug ■Usage Precautions U.FL-LP(V)-N-2 Extraction tool N.FL-LP-040 Plug N.FL-R-SMT-1 Receptacle (1) Mating / unmating (2) Pull forces on the cable after connectors are mated (3) Precautions • Unmating Insert the end of an extraction tool into a space between a plug and receptacle, and pull up the tool in the perpendicular to a mounting surface of a receptacle, as shown in the figure. ●Recomended the use of the extraction tool for unmating. Any attempt of unmating by pulling on the cable may result in damage to the mechanical / electrical performance. • Mating Do not attempt to insert on an extreme angle. Do not twist connectors excessively during mating / unmating. N.FL-LP-040 Plug 2.9N max. N.FL-R-SMT-1 Receptacle Do not apply any pull forces after the bending of the cable. 2. Receptacle (1) Recommended reflow temperature profile q The temperature profile indicates the board surface temperature at the point of contacts with the connector leads. w In individual applications the actual temperature may vary, depending on the solder paste type, volume / thickness and board size / thickness. Consult your solder paste and equipment manufacturer for the detailed recommendations. Soldering iron temperature: 350°C, Soldering time: for 5 seconds max. (2) Manual soldering (3) Recommended metal mask thickness 0.1 mm to 0.12 mm (4) Reflow cycles 2 times 80 100 120 140 160 180 200 220 240 260 [ç] Preheat (130 to 180ç) 230ç 220ç 50 seconds max. 120 seconds max. 60 seconds max. Time 250 ç max. for 10 seconds (1) Operating environment The connectors are not designed to operate in the following environments: • Exposed to a excessive amounts of fine particles and dust • Regions and places having a high density of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other corrosive gasses. • Environments having large rapid variations in temperature. (2) Storage conditions - Receptacle Store in the Hirose Electric packaging. Temperature: -10 to +40ç, Humidity: 85% max. Use within 6 months of delivery. Receptacles for which the storage period has elapsed must be tested for solderability to the PC board mounting surface. 3. Operating environment and storage conditions The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use. The contents of this catalog are current as of date of 10/2014. Contents are subject to change without notice for the purpose of improvements. 2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN TEL: +81-45-620-3526 Fax: +81-45-591-3726 http://www.hirose.com http://www.hirose-connectors.com ® |
Podobny numer części - U.FL-LP(V)-N-2 |
|
Podobny opis - U.FL-LP(V)-N-2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |