Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8-1904094-0 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części 8-1904094-0
Szczegółowy opis  Automotive Relays Plug-in Maxi ISO Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

8-1904094-0 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  8-1904094-0 Datasheet HTML 1Page - TE Connectivity Ltd 8-1904094-0 Datasheet HTML 2Page - TE Connectivity Ltd 8-1904094-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
03-2016, Rev. 0316
www.te.com
© 2016 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog, product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Automotive Relays
Plug-in Maxi ISO Relays
Power Relay F7 (Continued)
Product code structure
Typical product code
V23134
-J
0
052 -D642
Type
V23134 Power Relay F
Contact arrangement
J
1 form A, 1 NO
Cover
0
Standard
1
Bracket at terminal 30 ISO
2
Bracket near terminal 86 ISO
Coil
052
12VDC
053
24VDC
056
24VDC (contact gap >0.8mm)
065
24VDC (contact gap >0.8mm)
165
24VDC (contact gap >0.8mm)
Terminal/arrangement
D642 Plug-in/NO
Xnnn Customized (nnn: version number)
Production in Europe (only)
Product code
Arrangement Cover
Coil suppr.
Circuit1)
Coil
Contact mat. Terminals
Part number
V23134-J0052-D642
1 form A, 1 NO
Standard
NO
12VDC
Silver based
Plug-in, QC
7-1393303-3
V23134-J0052-X429
Resistor 680Ω
NOR
1-1414147-0
V23134-J0052-X439
Diode (cathode 86)
NOD
1-1414286-0
V23134-J0052-X455
Resistor 470Ω
NOR
PCB
1-1414610-0
V23134-J0052-X511
NO
3-1415001-2
V23134-J0052-X4613)
Resistor 560Ω
NOR
Plug-in, QC
1-1414469-0
V23134-J0053-D642
NO
24VDC
9-1393303-7
V23134-J0065-X4974)
PCB
3-1414937-3
V23134-J0165-X5372)3)
Resistor 1200Ω
NOR
Plug-in, QC
3-1904117-4
V23134-J1052-D642
Bracket
NO
12VDC
0-1393304-9
V23134-J1052-X281
Resistor 560Ω
NOR
1-1393304-0
V23134-J1053-D642
NO
24VDC
1-1393304-1
V23134-J2165-X5382)3)
Resistor 1200Ω
NOR
3-1904117-5
1) See terminal assignment diagrams.
3) Special feature: 14.5mm load terminals.
2) Special feature: contact gap >0.8mm.
4) Packed in tray with 300 pcs. per unit.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.
26.2 MAX.
3.0
1.5
25.2 MAX.
26.2 MAX.
3.8
TIN PLATED
2.7
86
87
30
85
TE2104-H1
26.2 MAX.
3.0
1.5
25.2 MAX.
26.2 MAX.
3.8
TIN PLATED
2.7
86
87
30
85
TE2104-H1
View of the terminals (bottom view)
Mounting hole layout (bottom view)
17.9
8.4
2x Ø 1.93
17.0
3.8
8.5
3.8
6x Ø 2.18
3.8
3.8
TE2105-Q2
Dimensions (continued)
Power Relay F7 with PCB terminals
Production in Asia (only)
Product code
Arrangement
Cover
Coil suppr.
Circuit1)
Coil
Contact mat.
Terminals
Part number
V23134-J0052-D642
1 form A, 1 NO
Standard
NO
12VDC
Silver based
Plug-in, QC
7-1904094-7
V23134-J0052-X429
Resistor 680Ω
NOR
7-1904094-8
V23134-J0052-X439
Diode (cathode 86)
NOD
7-1904094-9
V23134-J0052-X4613)
Resistor 560Ω
NOR
8-1904094-0
V23134-J0053-D642
NO
24VDC
8-1904094-3
1) See terminal assignment diagrams.
3) Special feature: 14.5mm load terminals.
2) Special feature: contact gap >0.8mm.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.


Podobny numer części - 8-1904094-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
8-1904094-0 TEC-8-1904094-0 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
More results

Podobny opis - 8-1904094-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
logo
List of Unclassifed Man...
1393304-5 ETC2-1393304-5 Datasheet
315Kb / 4P
   Plug-in Maxi ISO Relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
logo
Tyco Electronics
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com