Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7-1393304-4 Arkusz danych(PDF) 4 Page - TE Connectivity Ltd

Numer części 7-1393304-4
Szczegółowy opis  Plug-in or PCB terminals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1393304-4 Arkusz danych(HTML) 4 Page - TE Connectivity Ltd

  7-1393304-4 Datasheet HTML 1Page - TE Connectivity Ltd 7-1393304-4 Datasheet HTML 2Page - TE Connectivity Ltd 7-1393304-4 Datasheet HTML 3Page - TE Connectivity Ltd 7-1393304-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
Power Relay F4 (Continued)
Automotive Relays
Plug-in Mini ISO Relays
Product code structure
Typical product code
V23134
-A
0
052 -C642
Type
V23134 Power Relay F4
Contact arrangement
A
1 form C, 1 CO
C
1 form A, 1 NO (2x87)
B
1 form A, 1 NO
K
1 form A, 1 NO (non ISO)
M
1 form U, 2 NO
Cover
0
Standard
1
Bracket at terminal 30 ISO
2
Bracket at terminal 86 ISO
Coil
052
12VDC
053
24VDC
056
24VDC (contact gap >0.8mm)
Terminal/arrangement
C642 Plug-in/NO
C643 Plug-in/CO
G242 PCB/NO
G243 PCB/CO
Xnnn Customized (nnn: version number)
Production in Europe (only)
Product code
Arrangement
Version Coil suppr.
Circuit1)
Coil Contact mat.
Terminals
Part number
V23134-A0052-C643
1 form C, 1 CO
Standard
CO
12VDC
Silver based
Plug-in, QC
2-1393302-2
V23134-A0052-G243
PCB
2-1393302-3
V23134-A0052-X278
R 560Ω
COR
Plug-in, QC
4-1393302-1
V23134-A0053-C643
CO
24VDC
5-1393302-1
V23134-A0053-G243
PCB
5-1393302-2
V23134-A0056-X4322)
D (cathode 86)
COD
Plug-in, QC
1-1414167-0
V23134-A0056-X4332)
R 1200Ω
COR
1-1414168-0
V23134-A1052-C643
Bracket
CO
12VDC
5-1393302-8
V23134-A1052-X2944)
R 560Ω
COR
6-1393302-0
V23134-A1053-C643
CO
24VDC
6-1393302-3
V23134-A1053-X2954)
R 1200Ω
COR
6-1393302-4
V23134-B0052-C642
1 form A, 1 NO
Standard
NO
12VDC
7-1393302-5
V23134-B0052-G242
PCB
7-1393302-7
V23134-B0052-X2706)
R 680Ω
NOR
Plug-in, QC
1-1414099-0
V23134-B0052-X506
R 560Ω
NOR_SD3)
4-1414992-3
V23134-B0053-C642
NO
24VDC
1393303-9
V23134-B0053-G242
PCB
1-1393303-0
V23134-B1052-C642
Bracket
12VDC
Plug-in, QC
3-1393303-4
V23134-B1053-C642
24VDC
3-1393303-7
V23134-B1053-X2964)
R 1200Ω
NOR
3-1393303-8
V23134-C0052-C642
1 form A, 1 NO (2x87) Standard
NO_2x87
12VDC
3-1393303-9
V23134-C0053-C642
24VDC
4-1393303-4
V23134-C1052-C642
Bracket
12VDC
4-1393303-7
V23134-C1052-X2804)5)
R 560Ω
NOR_2x87
4-1393303-8
V23134-C1053-C642
NO_2x87
24VDC
5-1393303-0
V23134-K1052-X399
1 form A, 1 NO
R 560Ω
NOR non ISO 12VDC
Plug-in, QC/non ISO 1-1393305-1
V23134-M0052-C642
1 form U, 2 NO
Standard
DNO
Plug-in, QC
5-1393304-6
V23134-M0052-G242
PCB
5-1393304-7
V23134-M0053-C642
24VDC
Plug-in, QC
6-1393304-7
V23134-M0053-G242
PCB
6-1393304-8
V23134-M1052-C642
Bracket
12VDC
Plug-in, QC
7-1393304-1
V23134-M1053-C642
24VDC
7-1393304-4
1) See terminal assignment diagrams.
4) No hole in terminal 30.
2) Special feature: contact gap >0.8mm.
5) No hole in terminal 87a.
3) Serial diode.
6) No holes in all terminals.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.
Production in Asia (only)
Product code
Arrangement
Version
Coil suppr.
Circuit1)
Coil Contact mat. Terminals
Part number
V23134-B0052-C642
1 form A, 1 NO
Standard
NO
12VDC
Silver based
Plug-in, QC
7-1904094-0
V23134-B0052-X2702)
R 680Ω
NOR
7-1904094-1
V23134-B0053-C642
NO
24VDC
7-1904094-5
1) See terminal assignment diagrams.
2) No holes in all terminals.
Other types on request.
This list represents the most common types and does not show all variants covered by this datasheet.


Podobny numer części - 7-1393304-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
7-1393304-4 MACOM-7-1393304-4 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
7-1393304-4 MACOM-7-1393304-4 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
7-1393304-4 MACOM-7-1393304-4 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
7-1393304-4 TEC-7-1393304-4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Podobny opis - 7-1393304-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
RM2 TEC-RM2 Datasheet
333Kb / 4P
   Plug-in version, PCB terminals, chassis- or DIN-rail mount
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
Tyco Electronics
PTH MACOM-PTH Datasheet
333Kb / 4P
   6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
logo
DB Lectro Inc
TL77-2F-10 DBLECTRO-TL77-2F-10 Datasheet
222Kb / 3P
   PCB PLUG-IN TRANSFORMER
logo
Weidmuller
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
logo
Schurter Inc.
GS21 SCHURTER-GS21 Datasheet
552Kb / 4P
   IEC Socket-Outlet 400 VDC, Snap-in Mounting, Front Side, Quick-connect or PCB Terminals
05.01.2022
4850.2500 SCHURTER-4850.2500_V01 Datasheet
239Kb / 2P
   , 5-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2710 SCHURTER-4850.2710_V02 Datasheet
236Kb / 2P
   , 7-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com