Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1393115-2 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części 3-1393115-2
Szczegółowy opis  Single or dual wound DC coils or single wound AC coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393115-2 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  3-1393115-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393115-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393115-2 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Relays
Industrial Relays
KUL Series Latching Panel Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield
Terminal assignment
Bottom view on pins – Contact positions shown in diagrams is with the “RESET” input having been energized last.
Single Coil – DC
Dual Coil – AC or DC
1 Form C
2 Form C
3 Form C
1 Form C
2 Form C
Product code structure
Typical product code
KUL
-11
D
1
1
D
-12
Type
KUL
Enclosed magnetic latching relay
Contact arrangement and rating
5
1 form C (1 CO)
11 2 form C (2 CO)
14 3 form C (3 CO)
Coil Input
A AC
D DC
Mounting and options
1
Socket mount (plain) case
5
Bracket mount case
Terminal and contact material
1
4.75mm (.187in) quick connect/solder; Ag, 5A
5
4.75mm (.187in) quick connect/solder; AgCdO, 10A
Note: 5.21mm (.205) QC and PCB terminals available on request
Number of coils
S Single coil
D Dual coil
Coil voltage
Coil code: please refer to coil versions table
Product Code
Arrangement
Material
Coil
Case Style
Terminals
Part Number
KUL-5A15S-120
1 Form C, 1 CO
AgCdO
120 VAC
Plain case
Plug-in
1393116-4
KUL-11A15S-24
2 Form C, 2 CO
24 VAC
2-1393115-7
KUL-11A15S-120
120 VAC
2-1393115-6
KUL-11D15D-12
12 VDC
3-1393115-1
KUL-11D15D-24
24 VDC
3-1393115-2
KUL-11D15D-48
48 VDC
3-1393115-3
KUL-11D15S-12
12 VDC
3-1393115-4
KUL-11D15S-24
24 VDC
3-1393115-5
LATCH
RESET
-
+
+
-
2
5
7
A
B
LATCH
RESET
-
+
+
-
1
4
7
A
B
3
6
9
1
4
7
A
B
3
6
9
2
5
8
LATCH
RESET
-
+
+
-
2
5
7
A
B
9
LATCH
RESET
COMMON
1
4
7
A
B
3
6
9
8
LATCH
COMMON
LATCH
RESET
1
4
7
A
B
3
6
9
2
5
8
Single Coil – AC
1 Form C
2 Form C
3 Form C
LATCH
8
9
2
5
RESET
-
+
A
B
-
+
7
1
4
7
A
B
3
6
9
5
8
LATCH
-
+
+
-
1) Do not connect any low impedance loads from terminal B to A.
2) Resistor and diodes connected by customer. See Coil Data Chart for resistor value. Recommended using 1N4007 diode.
Polarity for DC only.
Polarity for DC only.
1)
1)
2)


Podobny numer części - 3-1393115-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
3-1393115-2 TEC-3-1393115-2 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
More results

Podobny opis - 3-1393115-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
KUL-0811 TEC-KUL-0811 Datasheet
599Kb / 3P
   Single or dual wound DC coils or single wound AC coils
logo
Frontier Electronics.
291A FRONTIER-291A Datasheet
66Kb / 2P
   SMD Air Wound Coils
292A FRONTIER-292A Datasheet
75Kb / 2P
   SMD Air Wound Coils
293A FRONTIER-293A Datasheet
70Kb / 2P
   SMD Air Wound Coils
294A FRONTIER-294A Datasheet
70Kb / 2P
   SMD Air Wound Coils
logo
Murata Manufacturing Co...
LQH44PN6R8MP0L MURATA-LQH44PN6R8MP0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
LQH44PN470MJ0L MURATA-LQH44PN470MJ0L Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
logo
Linear Technology
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
logo
Murata Manufacturing Co...
LQH44P MURATA-LQH44P Datasheet
50Kb / 2P
   Chip Inductors (Chip Coils) for DC-DC Converter Wire Wound Type
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com