Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0-1393278-1 Arkusz danych(PDF) 3 Page - Tyco Electronics

Numer części 0-1393278-1
Szczegółowy opis  Limiting continuous current 32 A at 85째C
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

0-1393278-1 Arkusz danych(HTML) 3 Page - Tyco Electronics

  0-1393278-1 Datasheet HTML 1Page - Tyco Electronics 0-1393278-1 Datasheet HTML 2Page - Tyco Electronics 0-1393278-1 Datasheet HTML 3Page - Tyco Electronics 0-1393278-1 Datasheet HTML 4Page - Tyco Electronics 0-1393278-1 Datasheet HTML 5Page - Tyco Electronics 0-1393278-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
158
Contact Data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current
Limiting continuous current
23°C
85°C
105°C
Contact material
Max. switching voltage/power
Max. switching current
On 1)
Off 2)
Min. recommended current
Voltage drop at 10 A (initial)
Mechanical endurance (without load)
Electrical endurance
(example of resistive load)
1) Inrush current for lamp load.
2) See load limit curve.
Resistive / inductive loads
High inrush, lamp and capacitive loads
1 Make contact/
1 Changeover contact/
1 Make contact/
1 Changeover contact/
1 Form A
1 Form C
1 Form A
1 Form C
12 V
NC/NO
NC/NO
32 A
25/32 A
32 A
25/32 A
40 A
30 /40 A
40 A
30 /40 A
32 A
25 /32 A
32 A
25 /32 A
25 A
15 /25 A
25 A
15 /25 A
AgNi0.15 (VKP-***42)
AgSnO2 (VKP-***52)
See load limit curve
NC/NO
NC/NO
100 A
30 A/100 A
180 A
30 A/180 A
60 A
30 A/60 A
60 A
30 A/60 A
1 A at 5 V
Typ. 15 mV
Typ. 20/15 mV
Typ. 20 mV
Typ. 25/20 mV
> 107 operations
105 operations at 40 A, 14 V,
on NO contact
3
5
4
C
3
5
4
C
50
W
200
W
60
50
40
30
20
12
0.5
1
2
3
45
7
10
20
Switching Current (A)
75
30
40
10
ECR2128-U
Safe breaking, arc extinguished (normally
open contact) for resistive loads.
TE1091-B1
TE1086-A1
Circuit Diagram
1 Make contact /1 Form A
1 Changeover contact /1 Form C
Load Limit Curve


Podobny numer części - 0-1393278-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
0-1393230-3 MACOM-0-1393230-3 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-4 MACOM-0-1393230-4 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-5 MACOM-0-1393230-5 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-6 MACOM-0-1393230-6 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
0-1393230-7 MACOM-0-1393230-7 Datasheet
207Kb / 3P
   Special Load PCB Relay RP 3 SL
More results

Podobny opis - 0-1393278-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
150 TEC-150 Datasheet
563Kb / 3P
   Limiting continuous current 130A at 85째C
logo
Tyco Electronics
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com