Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-V23003 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części P-V23003
Szczegółowy opis  Great variety of contact arrangements and materials to meet specific applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

P-V23003 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  P-V23003 Datasheet HTML 1Page - TE Connectivity Ltd P-V23003 Datasheet HTML 2Page - TE Connectivity Ltd P-V23003 Datasheet HTML 3Page - TE Connectivity Ltd P-V23003 Datasheet HTML 4Page - TE Connectivity Ltd P-V23003 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
AXICOM
Signal Relays
Cradle P Relay V23003 (Continued)
Terminal assignment
2 form C (2 CO)
V23003-xxxxx-Bx04
V23003-xxxxx-Cx04
Size I
2 form A (2 NO)
V23003-xxxxx-F105
2 form B (2 NC)
V23003-xxxxx-F107
1 form A + 1 form B
(1 NO + 1 NC)
V23003-xxxxx-F106
Size II
4 form C (4 CO)
V23003-xxxxx-Bx10
2 form C (2 CO)
V23003-xxxxx-F104
Dimensions
V23003-A0xx, size I type
V23003-B0xx, size II type


Podobny numer części - P-V23003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Communications...
P-V36-ADZ01 AMPHENOLCS-P-V36-ADZ01 Datasheet
860Kb / 7P
   QSFP-DD SMT 112G CONNECTOR ASSEMBLY 0.8mm PITCH, 76-PIN
Rev. E
More results

Podobny opis - P-V23003

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com