Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4-1393844-7 Arkusz danych(PDF) 2 Page - TE Connectivity Ltd

Numer części 4-1393844-7
Szczegółowy opis  Push-to-test button
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1393844-7 Arkusz danych(HTML) 2 Page - TE Connectivity Ltd

  4-1393844-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1393844-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1393844-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM C/D (Continued)
Coil Data (continued)
Coil versions, AC coil
Coil code
Rated
Operate
Release
Coil
Rated coil
STD
LED
voltage
voltage
voltage
resistance
power
50/60Hz
50/60Hz
50/60Hz
VAC
VAC
VAC
Ω±10%1)2)
VA
Coil versions, AC-coil, RMC, RMD
524
R24
24
19.2/20.4
7.2
80
2.62/2.00
548
R48
48
38.4/40.8
14.4
320
2.60/2.17
560
R60
60
48.0/51.0
18.0
500
2.62/2.20
615
S15
115
92.0/97.8
34.5
1850
2.65/2.22
730
T30
230
184.0/195.5
69.0
7500
2.69/ 2.26
900
V00
400
320.0/340.0 120.0
235002)
2.61/2.20
2) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
RMC
RMD
Initial dielectric strength
between open contacts
1500Vrms
2000Vrms
between contact and coil
2500Vrms
2500Vrms
Initial surge withstand voltage
between contact and coil
6000V (1.2/50µs)
Clearance/creepage
between contact and coil
≥4.0/14.9mm
Material group of insulation parts
IIIa
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
for mounting/handling
-20 to +40°C
in operation
DC coil
-40 to +60°C
AC coil
-40 to +40°C
Cold storage, IEC 60068-2-1
Test Aa (-40°C/16h)
Dry heat, IEC 60068-2-2
Test B (+85°C/16h)
Damp heat cyclic,
IEC 60068-2-30, Db, Variant 1
12/12h +25/55°C 2 cycles
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional)
form A (NO)/form B (NC)
10/5 g, 30 to 150Hz
Terminal type
quick connect (QC)
Cover retention
pull force
100N
push force
100N
Weight
81g
Packaging unit
10 pcs.
Terminal assignment
Bottom view on pins
1 form Z contact (1 NO + 1 NC), RMC
1 form X contact (1 NO), RMD
Dimensions
Dimensions in mm
Cover with mounting brackets, 6.3mm quick connect terminals


Podobny numer części - 4-1393844-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
4-1393844-7 TEC-4-1393844-7 Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
More results

Podobny opis - 4-1393844-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
KUMP TEC-KUMP Datasheet
467Kb / 4P
   Optional indicator lamp and push-to-test button
logo
WAGO Kontakttechnik Gmb...
2202-1674 WAGO-2202-1674 Datasheet
966Kb / 19P
   2-conductor disconnect/test terminal block; with push-button
24.11.2021
2202-1672 WAGO-2202-1672 Datasheet
940Kb / 17P
   2-conductor disconnect/test terminal block; with push-button
24.11.2021
logo
Elektron Components Ltd...
MP0022 BULGIN-MP0022 Datasheet
56Kb / 1P
   Push Button
MP0013 BULGIN-MP0013 Datasheet
84Kb / 1P
   Push Button
MP0012 BULGIN-MP0012 Datasheet
91Kb / 1P
   Push Button
logo
Molex Electronics Ltd.
1301270003 MOLEX1-1301270003_17 Datasheet
39Kb / 1P
   Super-Safeway Three Wire GFCI Circuit Tester, 3 Indicating Lights, Push to Test Button
logo
CW Industries
GPB502A05BR CWIND-GPB502A05BR Datasheet
504Kb / 1P
   PUSH BUTTON SWITCH
logo
Bud Industries, Inc.
SPB-3901 BUD-SPB-3901 Datasheet
111Kb / 1P
   PUSH BUTTON BOXES
logo
CW Industries
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
   PUSH BUTTON SWITCH
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com