Zakładka z wyszukiwarką danych komponentów |
|
9-1393808-6 Arkusz danych(PDF) 6 Page - TE Connectivity Ltd |
|
9-1393808-6 Arkusz danych(HTML) 6 Page - TE Connectivity Ltd |
6 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 6 AXICOM Signal Relays Cradle N Relay V23154/V23162 (Continued) Product code Version Coil Operate/Lim.Arrangement Contacts Terminals Enclosure PartNumber V23154-C0XX, 5A, size I V23154-C0702-F106 5A, size I 1.1VDC 0.4/1.7VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 3-1393806-4 V23154-C0712-F105 5A, size I 7VDC 2.7/10.5VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 5-1393806-7 V23154-C0712-F106 5A, size I 7VDC 2.7/10.5VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 5-1393806-8 V23154-C0XX, 5A, size I V23154-C0715-F105 5A, size I 9VDC 3.9/14VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 6-1393806-3 V23154-C0717-F105 5A, size I 12VDC 7.1/20VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 6-1393806-9 V23154-C0717-F106 5A, size I 12VDC 7.1/20VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 7-1393806-0 V23154-C0719-F105 5A, size I 14.5VDC 6.6/24VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 7-1393806-5 V23154-C0720-F105 5A, size I 19VDC 8.2/31VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 8-1393806-2 V23154-C0720-F106 5A, size I 19VDC 8.2/31VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 8-1393806-3 V23154-C0421-F105 5A, size I 24VDC 15/36VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 1-1393806-3 V23154-C0721-F105 5A, size I 24VDC 11/40VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 9-1393806-1 V23154-C0721-F106 5A, size I 24VDC 11/40VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 9-1393806-2 V23154-C0722-F105 5A, size I 33VDC 16/54VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 1393807-2 V23154-C0722-F106 5A, size I 33VDC 16/54VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 1393807-3 V23154-C0726-F105 5A, size I 48VDC 23/75VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 1-1393807-1 V23154-C0726-F106 5A, size I 48VDC 30/75VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 1-1393807-2 V23154-C0734-F106 5A, size I 60VDC 27/92VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 1-1393807-5 V23154-C0704-F105 5A, size I 72VDC 36.2/114VDC 2 form A (2 NO) Single Plug-in/solder Dust protected 4-1393806-8 V23154-C0704-F106 5A, size I 72VDC 36.2/114VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 1413000-2 V23154-C0735-F106 5A, size I 110VDC 49/164VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 1-1393807-7 V23154-C0703-F106 5A, size I 125VDC 61/190VDC 1A+1B (1NO+1NC) Single Plug-in/solder Dust protected 4-1393806-0 V23154-D0XX, standard, size II V23154-D0711-B110 Standard, size II 5VDC 2.5/7.2VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 2-1393808-8 V23154-D0711-C110 Standard, size II 5VDC 3/7.2VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 3-1393808-0 V23154-D0711-C410 Standard, size II 5VDC 3/7.2VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 3-1393808-1 V23154-D0712-B110 Standard, size II 7VDC 3.6/10.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393808-3 V23154-D0712-B610 Standard, size II 7VDC 3.6/10.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393808-4 V23154-D0712-C110 Standard, size II 7VDC 4.4/10.5VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 3-1393808-5 V23154-D0715-B110 Standard, size II 8.5VDC 4.8/14VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393808-8 V23154-D0715-B610 Standard, size II 8.5VDC 4.8/14VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393808-9 V23154-D0715-C110 Standard, size II 8.5VDC 5.8/14VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 4-1393808-0 V23154-D0716-B110 Standard, size II 10VDC 5.8/16.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 4-1393808-3 V23154-D0716-B610 Standard, size II 10VDC 5.8/16.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 4-1393808-5 V23154-D0716-C110 Standard, size II 10VDC 7.1/16.5VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 4-1393808-6 V23154-D0418-B110 Standard, size II 12VDC 8.8/20.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393807-0 V23154-D0717-B110 Standard, size II 12VDC 7.1/20VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 4-1393808-9 V23154-D0717-B112 Standard, size II 12VDC 7.1/20VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 5-1393808-0 V23154-D0717-B610 Standard, size II 12VDC 7.1/20VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 8-1422029-2 V23154-D0717-C110 Standard, size II 12VDC 10.5/20VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 5-1393808-3 V23154-D0719-B110 Standard, size II 15VDC 9.1/24.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 5-1393808-6 V23154-D0719-B112 Standard, size II 15VDC 9.1/24.5VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 5-1393808-7 V23154-D0719-B610 Standard, size II 15VDC 9.1/24.5VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 6-1393808-1 V23154-D0719-C110 Standard, size II 15VDC 11/24.5VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 1413000-3 V23154-D0479-B110 Standard, size II 16VDC 15.2/27VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 7-1393807-5 V23154-D0XX, standard, size II V23154-D0479-C110 Standard, size II 16VDC 18.9/27VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 7-1393807-8 V23154-D0720-B110 Standard, size II 20VDC 11.9/32VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 6-1393808-5 V23154-D0720-B112 Standard, size II 20VDC 11.9/32VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 6-1393808-6 V23154-D0720-B610 Standard, size II 20VDC 11.9/32VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 6-1393808-9 V23154-D0720-C110 Standard, size II 20VDC 14.4/32VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 7-1393808-0 V23154-D0720-C112 Standard, size II 20VDC 14.4/32VDC 6 form A (6 (NO) Bifurcated Plug-in/solder Dust protected 7-1393808-1 V23154-D0720-C410 Standard, size II 20VDC 14.4/32VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 7-1393808-3 V23154-D0421-B110 Standard, size II 24VDC 15/36VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393807-7 V23154-D0421-B612 Standard, size II 24VDC 15/36VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 4-1393807-1 V23154-D0421-C110 Standard, size II 24VDC 18.2/36VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 4-1393807-2 V23154-D0421-C410 Standard, size II 24VDC 18.2/36VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 4-1393807-3 V23154-D0721-B110 Standard, size II 24VDC 14.5/40VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 8-1393808-3 V23154-D0721-B112 Standard, size II 24VDC 14.5/40VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 8-1393808-4 V23154-D0721-B610 Standard, size II 24VDC 14.5/40VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 9-1393808-2 V23154-D0721-B612 Standard, size II 24VDC 14.5/40VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 9-1393808-3 V23154-D0721-C110 Standard, size II 24VDC 22/40VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 9-1393808-5 V23154-D0721-C112 Standard, size II 24VDC 18/40VDC 6 form A (6 (NO) Bifurcated Plug-in/solder Dust protected 9-1393808-6 V23154-D0721-C410 Standard, size II 24VDC 18/40VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 9-1393808-9 V23154-D0496-B110 Standard, size II 25VDC 20.8/36.3VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 8-1393807-2 V23154-D0496-B112 Standard, size II 25VDC 20.8/36.3VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 8-1393807-3 V23154-D0722-B110 Standard, size II 32VDC 22.6/54VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 1-1393809-4 V23154-D0722-B112 Standard, size II 32VDC 22.6/54VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 1-1393809-5 V23154-D0722-B610 Standard, size II 32VDC 22.6/54VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 2-1393809-1 V23154-D0722-C110 Standard, size II 32VDC 33.8/54VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 2-1393809-2 V23154-D0722-C410 Standard, size II 32VDC 33.8/54VDC 4 form C (4 CO) Bifurcated Plug-in/solder Dust protected 2-1393809-3 V23154-D0726-B110 Standard, size II 48VDC 30/75VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393809-2 V23154-D0726-B112 Standard, size II 48VDC 30/75VDC 6 form A (6 (NO) Single Plug-in/solder Dust protected 3-1393809-4 V23154-D0726-B610 Standard, size II 48VDC 30/75VDC 4 form C (4 CO) Single Plug-in/solder Dust protected 3-1393809-8 |
Podobny numer części - 9-1393808-6 |
|
Podobny opis - 9-1393808-6 |