Zakładka z wyszukiwarką danych komponentów |
|
5-1393810-8 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd |
|
5-1393810-8 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd |
1 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 AXICOM Signal Relays n Multi purpose relay n Highly reliable n Great variety of contact arrangements and materials to meet specific applications n Contacts for signal loads and currents up to 5 A n DC coil, operating voltage 1.5VDC to 125VDC; AC, latching and non- latching coils on request n Sockets for easy and quick mounting of relays Typical applications Measurement and control equipment, control equipment in nuclear powerplant, press controls with high safety requirements (force-guided springs), telecommunications Max. DC breaking capacity, contact sets B1xx, C1xx Max. DC breaking capacity, contact sets F1xx Cradle N Relay V23154/V23162 Contact Data Product code block 3 B104/B110/B112 B604/B610/B612 C104/C110/C112 C404/C410 F104 to F107 Contact arrangement max. 4 form C (4 CO)contacts, 2 form B (2 NC) contacts or 6 form A (6 NO) contacts (see product code table) Max. switching voltage 150VDC 36VDC 150VDC 36VDC 150VDC 125VAC 30VAC 125VAC 30VAC 125VAC Rated current 2A 0.2A 2A 0.2A 5A Limiting continuous current at max. ambient temperature 2A 2A 2A 2A 5A Breaking capacity max. 35 to 70W 5W, 5VA 35 to 70W 5W, 5VA 50 to 140W see DC load breaking capacity curve below 50VA - 50VA - 500VA Contact material silver, gold-flashed gold F silver, gold-flashed gold F silver, gold-flashed Contact style single contact single contact bifurcated contacts bifurcated contacts single contact Frequency of operation, without load, max. 50 ops./s 50 ops./s 50 ops./s 50 ops./s 10 ops./s Operate / release time typ. 7.5/3ms 7.5/3ms 7.5/3ms 7.5/3ms 7.5/3ms Mechanical endurance app. 107 ops. app. 107 ops. app. 107 ops. app. 107 ops. app. 107 ops. 70 W 40 W 150 120 100 80 60 50 40 30 V_ U 0,3 0,4 0,5 0,6 0,8 1 1,5 2A I DC current [A] safe breaking, no stationary arc contact material Ag, gold flashed 250 200 150 100 80 60 50 40 30 20 V_ 100 W 140 W 50 W 0,2 0,3 0,4 0,5 0,6 0,8 1 1,5 2 3 4 5A I U DC current [A] safe breaking, no stationary arc contact material Ag, gold flashed |
Podobny numer części - 5-1393810-8 |
|
Podobny opis - 5-1393810-8 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |