Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0-1721153-7 Arkusz danych(PDF) 3 Page - TE Connectivity Ltd

Numer części 0-1721153-7
Szczegółowy opis  Compact relay with 1 Form A and 1 Form C contact arrangement
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1721153-7 Arkusz danych(HTML) 3 Page - TE Connectivity Ltd

  0-1721153-7 Datasheet HTML 1Page - TE Connectivity Ltd 0-1721153-7 Datasheet HTML 2Page - TE Connectivity Ltd 0-1721153-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay ORWH (Continued)
Product code
Enclosure
Coil
Coil
Arrangement Cont.mat. Insulation
Option
Part number
ORWH-SH-105D1F,000
Wash tight
5VDC
Standard
1Form C, 1CO
AgZnO
Class F
Standard type
1-1721150-0
ORWH-SH-105H3F,000
High temp
AgNi
1-1721956-1
ORWH-SH-105HM3F,000
1Form A, 1NO
1-1721958-1
ORWH-SH-106D1F,000
6VDC
Standard
1Form C, 1CO
AgZnO
1-1721150-1
ORWH-SH-106DM1F,000
1Form A, 1NO
1-1721153-1
ORWH-SH-109H3F,000
9VDC
High temp 1Form C, 1CO
AgNi
1-1721956-3
ORWH-SH-112D1F,000
12VDC
Standard
AgZnO
1-1721150-3
ORWH-SH-112DM1F,000
1-1721153-3
ORWH-SH-112H3F,000
High temp
AgNi
1-1721956-4
ORWH-SH-112H3FH,000
Insulation pl.
1-1721948-4
ORWH-SH-112HM3F,000
1Form A, 1NO
Standard type
1-1721958-4
ORWH-SH-118H3F,000
18VDC
1Form C, 1CO
1-1721956-5
ORWH-SH-124D1F,000
24VDC
Standard
AgZnO
1-1721150-5
ORWH-SH-124DM1F,000
1Form A, 1NO
1-1721153-5
ORWH-SH-124H3F,000
High temp 1Form C, 1CO
AgNi
1-1721956-7
ORWH-SH-124HM3F,000
1Form A, 1NO
1-1721958-7
ORWH-SH-148D1F,000
48VDC
Standard
1Form C, 1CO
AgZnO
1-1721150-6
ORWH-SH-148DM1F,000
1Form A, 1NO
1-1721153-6
ORWH-SS-105D1F,000
Flux proof
5VDC
1Form C, 1CO
0-1721150-2
ORWH-SS-106D1F,000
6VDC
0-1721150-3
ORWH-SS-109D1F,000
9VDC
0-1721150-4
ORWH-SS-112D1F,000
12VDC
0-1721150-5
ORWH-SS-112DM1F,000
1Form A, 1NO
0-1721153-5
ORWH-SS-112H3F,000
High temp 1Form C, 1CO
AgNi
0-1721956-5
ORWH-SS-112HM3F,000
1Form A, 1NO
0-1721958-5
ORWH-SS-118H3F,000
18VDC
1Form C, 1CO
0-1721956-6
ORWH-SS-124D1F,000
24VDC
Standard
AgZnO
0-1721150-7
ORWH-SS-124DM1F,000
1Form A, 1NO
0-1721153-7
ORWH-SS-124H3F,000
High temp 1Form C, 1CO
AgNi
0-1721956-8
ORWH-SS-124H3FH,000
Insulation pl.
0-1721948-8
ORWH-SS-148D1F,000
48VDC
Standard
AgZnO
Standard type
0-1721150-8
ORWH-SS-148DM1F,000
1Form A, 1NO
0-1721153-8


Podobny numer części - 0-1721153-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
0-1721215-2 MACOM-0-1721215-2 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
0-1721215-2 MACOM-0-1721215-2 Datasheet
333Kb / 4P
   6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
0-1721215-3 MACOM-0-1721215-3 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
0-1721215-3 MACOM-0-1721215-3 Datasheet
333Kb / 4P
   6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in
0-1721215-7 MACOM-0-1721215-7 Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
More results

Podobny opis - 0-1721153-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
C226S COTO-C226S Datasheet
382Kb / 2P
   Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
   1 Form A/1 Form B Solid State Relay
logo
TE Connectivity Ltd
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com