Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-1002CA50I-N4T1U Arkusz danych(PDF) 3 Page - Seiko Instruments Inc

Numer części S-1002CA50I-N4T1U
Szczegółowy opis  VOLTAGE DETECTOR WITH SENSE PIN
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SII [Seiko Instruments Inc]
Strona internetowa  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1002CA50I-N4T1U Arkusz danych(HTML) 3 Page - Seiko Instruments Inc

  S-1002CA50I-N4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1002CA50I-N4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_02
S-1002 Series
3
Product Name Structure
Users can select the output form, detection voltage value, and package type for the S-1002 Series.
Refer to "1. Product name" regarding the contents of product name, "2. Function list of product types" regarding
the product types, "3. Packages" regarding the package drawings and "4. Product name list" regarding details of
product name.
1. Product name
S-1002 x x xx I - xxxx U
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
N4T1: SC-82AB, Tape
Detection voltage value
10 to 50
(e.g., when the detection voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
I:
Ta =
−40°C to +85°C
Output form
*3
N:
Nch open-drain output (Active "L")
*4
C:
CMOS output (Active "L")
*4
Pin configuration
*2
A, B
*1. Refer to the tape drawing.
*2. Refer to " Pin Configurations".
*3. Refer to "2. Function list of product types".
*4. If you request the product with output logic active "H", contact our sales office.
2. Function list of product types
Table 1
Product Type
Output Form
Output Logic
Pin Configuration
Package
NA
Nch open-drain output
Active "L"
A
SOT-23-5
NB
Active "L"
B
SOT-23-5, SC-82AB
CA
CMOS output
Active "L"
A
SOT-23-5
CB
Active "L"
B
SOT-23-5, SC-82AB
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SC-82AB
NP004-A-P-SD
NP004-A-C-SD
NP004-A-C-S1
NP004-A-R-SD


Podobny numer części - S-1002CA50I-N4T1U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-1002CA50I-M5T1U ABLIC-S-1002CA50I-M5T1U Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
More results

Podobny opis - S-1002CA50I-N4T1U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seiko Instruments Inc
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19104N10H-M5T1U SII-S-19104N10H-M5T1U Datasheet
5Mb / 40P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
ABLIC Inc.
S-1002 ABLIC-S-1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_03
logo
Seiko Instruments Inc
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19102N10H-M5T1U SII-S-19102N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S1002 SII-S1002 Datasheet
2Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S19103 SII-S19103 Datasheet
1Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com