Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1393237-1 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd

Numer części 3-1393237-1
Szczegółowy opis  5kV/10mm coil-contact, reinforced insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393237-1 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd

  3-1393237-1 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393237-1 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393237-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
General Purpose Relays
PCB Relays
n
2 pole 8A, 2 form C (CO) or 2 form A (NO) contacts
n
Sensitive coil 400mW
n
5kV/10mm coil-contact, reinforced insulation
n
Ambient temperature 85°C
Typical applications
Boiler control, timers, garage door control, POS automation, interface
modules
Approvals
VDE REG.-Nr. 6106, UL E214025, cCSAus 14385
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO) or 2 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
8A, UL: 10A
Limiting continuous current
8A, UL: 10A
Limiting making current, max. 4s, duty factor 10% 15A
Breaking capacity max.
2000VA
Contact material
AgNi 90/10
Frequency of operation, with/without load
360/72000h-1
Operate/release time max., DC coil
8/6ms
Bounce time max., DC coil, form A/form B
4/10ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RT424 DC coil C (CO)
8A, 250VAC, cos
φ=1, 85°C
10x103
RT444 AC coil A (NO)
8A, 250VAC, cos
φ=1, 70°C
50x103
RT424 AC coil C (CO)
8A, 250VAC, cos
φ=1, 70°C
30x103
UL 508
RT424 DC coil A/B (NO/NC) 10A, 250VAC, gen. purpose, 85°C 20x103
RT424 DC coil A/B (NO/NC) 1/2hp, 240VAC, 85°C
1x103
RT424 DC coil A/B (NO/NC) Pilot duty, B300, R300, 85°C
6x103
EN60947-5-1
RTE24 DC coil A/B (NO/NC) AC15, 250VAC, 3A
6.050
RTE24 DC coil A/B (NO/NC) DC13, 24VDC, 2A
6.050
RTE24 DC coil A/B (NO/NC) DC13, 250VDC, 0.2A
6.050
EN60730-1
RT424 DC coil A/B (NO/NC) 6(2)A, 250VAC, 85°C
100x103
Mechanical endurance
>30x106 operations
Coil Data
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil insulation system according UL
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
009
9
6.3
0.9
200
400
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
5000Vrms
between adjacent contacts
2500Vrms
Clearance/creepage
between contact and coil
≥10/10mm
between adjacent contacts
≥ 3/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI 250V
Power PCB Relay RT2
b
Z
V


Podobny numer części - 3-1393237-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
3-1393237-1 MACOM-3-1393237-1 Datasheet
542Kb / 3P
   Power PCB Relay RT2
More results

Podobny opis - 3-1393237-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com