Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7-1440006-0 Arkusz danych(PDF) 2 Page - TE Connectivity Ltd

Numer części 7-1440006-0
Szczegółowy opis  Version T7N-WG with tracking resistance CTI 325
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1440006-0 Arkusz danych(HTML) 2 Page - TE Connectivity Ltd

  7-1440006-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1440006-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1440006-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
General Purpose Relays
PCB Relays
Miniature Power PCB Relay T7N/T7N-WG (Continued)
Other Data
T7N
T7N-WG
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN60335, par.30
Ambient temperature
-40 to 85°C
Category of environmental protection
IEC 61810
RTIII - wash tight
RTII - flux proof
(RTII - flux proof) RTIII - wash tight
Vibration resistance (functional),
form A/form B, 30 to 400Hz
>14/8g
Shock resistance (destructive)
100g
Terminal type
PCB-THT
Weight
11 g
Resistance to soldering heat THT, IEC 60068-2-20
flux proof version
270°C/10s
wash tight version
260°C/5 s
Packaging unit
25pcs., 1000 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0260-AA
S0260-AB
S0260-AC
S0349-A
Product code structure
Typical product code
T7N
V
1
D
4
-06
-WG
Type
T7N Miniature Power PCB Relay T7N
Version
S Wash tight
V
Flux proof
Contact configuration
1
1 form A contact (1 NO)
5
1 form C contact (1 CO)
Coil version
H DC coil 450mW
D DC coil 360mW
Contact material
1
AgCdO
4
AgSnO2
Coil
Coil code: please refer to coil versions table
Version
Blank
T7N standard version, CTI 225
WG
CTI 325 version, product in accordance with IEC 60335-1
WG-A
CTI 325 for relay base only
Other types on request


Podobny numer części - 7-1440006-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
7-1440006-0 TEC-7-1440006-0 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
More results

Podobny opis - 7-1440006-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
T7N TEC-T7N Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
logo
Tyco Electronics
T7N MACOM-T7N_09 Datasheet
214Kb / 3P
   Miniature Power PCB Relay T7N / T7N-WG
logo
Asahi Kasei Microsystem...
AK2358F AKM-AK2358F Datasheet
652Kb / 26P
   Base-band LSI for Europian Cordless Telephones(CTI, CTI)
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
Advanced Technical Mate...
180-25K-XX ATM-180-25K-XX Datasheet
77Kb / 1P
   OUTLINE, WRD180 WG-COAX ADAPTER
logo
Texas Instruments
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
logo
PHOENIX CONTACT
3241113 PHOENIX-3241113 Datasheet
53Kb / 3P
   Spiral tube - WG-S HF 40
09/12/2020
logo
Mitsubishi Electric Sem...
M5290P MITSUBISHI-M5290P Datasheet
147Kb / 5P
   -5V TRACKING REGULATOR WITH RESET CIRCUIT
logo
Renesas Technology Corp
M5290P RENESAS-M5290P Datasheet
1Mb / 6P
   5V TRACKING REGULATOR WITH RESET CIRCUIT
M5292P RENESAS-M5292P Datasheet
1Mb / 6P
   12V TRACKING REGULATOR WITH RESET CIRCUIT
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com