Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5--22488--6 Arkusz danych(PDF) 6 Page - TE Connectivity Ltd

Numer części 5--22488--6
Szczegółowy opis  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5--22488--6 Arkusz danych(HTML) 6 Page - TE Connectivity Ltd

  5--22488--6 Datasheet HTML 1Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 2Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 3Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 4Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 5Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 6Page - TE Connectivity Ltd 5--22488--6 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
408- 9359
Rev C
6
of 7
Figure 7
AMPMODU MTE Contact
(Not Terminated, Preloaded
in Housing, Typical)
Insulation Barrel Supports
0.51 [.020] Min.
A
A
GOOD
Preload Window
Contact
Housing
(Ref)
Top of Wire
Barrel Slot
Top of Conductor
Top of Wire
Barrel Slot
0.10 [.004] Max.
1.98 [.078]
Max.
1.98 [.078]
Max.
1.98 [.078]
Max.
Top of Conductor
Shall be Below
Topof WireBarrel
Slot
SOLID WIRE
Note: Wire Bundle Dia is Approx. 0.76
[.030] for 22 AWG, 7--Strand Wire.
7-STRAND WIRE
Except No. 22 AWG with
Insulation Dia. 1.14 [.045]
22 AWG 7-STRAND WIRE
With Insulation Dia
1.14 [.045] Only
1.98 [.078]
Max.
0.51 [.020]
Min.
Wire Pushed
Over
Insulation Pierced
by Insulation Barrel
Supports
One, or Both, Insulation
Barrel Supports Not
Folded Over
Wire Not
Seated
Wire Too
Short
Wire Too
Long
ACCEPTABLE
UNACCEPTABLE
7. REPAIR
Customer--replaceable parts are provided in Figure 8.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Order replacement parts through
your TE Representative, or call 1--800--526--5142, or
send a facsimile of your purchase order to
717--986--7605 or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, contact a TE
Representative at 1--800--526--5136.
8. REVISION SUMMARY
Revisions to this document include:
S
Updated document to corporate requirements
S
Changed wire guide in all instances
S
Changed part number from 1--21002--8 to
1--21002--7 and description in table in Figure 8


Podobny numer części - 5--22488--6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
5--22488--6 TEC-5--22488--6 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
More results

Podobny opis - 5--22488--6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com