Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-1393779-8 Arkusz danych(PDF) 1 Page - TE Connectivity Ltd

Numer części 3-1393779-8
Szczegółowy opis  Small size permitting high packing density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEC [TE Connectivity Ltd]
Strona internetowa  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393779-8 Arkusz danych(HTML) 1 Page - TE Connectivity Ltd

  3-1393779-8 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393779-8 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393779-8 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393779-8 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Multi purpose relay
n
Small size permitting high packing density
n
1 form C contact (1 CO, 1 changeover contact)
n
200mW and 450mW coils
n
1A and 3A contacts
n
High shock resistance of 30g
n
Ambient temperature for sensitive version up to 85°C
n
Immersion cleanable
Typical applications
Security devices, electric door openers, duplex intercommunication
systems, measurement and controls
Approvals
UL 508 File No. E 111441
Technical data of approved types on request
Contact Data
1.25A
3A
Contact arrangement
1 form C (CO)
Max. switching voltage
120VDC, 125VAC
Rated current
1.25A
3A
Limiting continuous current, 85°C
1.25A
3A
Switching power
30W, 62.5VA
72W, 360VA
Contact material
AgPd, gold plated
AgNi
AgNi, gold plated
Min. recommended contact load
10mA at 20 mV
Minimum switching voltage
100μV
Initial contact resistance
100mΩ at 10mA, 20mV
Frequency of operation, without load max.
20 operations/s
Operate / release time max.
7ms/5ms
Bounce time max., form A/form B
2/10ms
Electrical endurance,
standard version
at 24VDC / 1.25A
min. 3x105 ops.
at 24VDC / 3A
min. 2x105 ops.
at 120VAC / 1.25A
min. 1.5x105 ops.
at 120VAC / 3A
min. 4x105 ops.
sensitive version
at 24VDC / 1.25A
min. 2x105 ops.
at 24VDC / 3A
min. 1x105 ops.
at 120VAC / 1.25A
min. 1x105 ops.
at 120VAC / 3A
min. 3x105 ops
Mechanical endurance
typ. 10x106 operations
Coil Data
Magnetic system
neutral
Coil voltage range
1.5 to 24VDC
Max. coil temperature
130°C
Thermal resistance
< 125K/W
Coil versions, monostable
Coil
Rated
Operate
Limiting
Release
Coil
Rated coil
code
voltage
voltage
Voltage
voltage resistance
power
VDC
VDCmin.
VDCmax.
VDCmin.
Ω±10%
mW
Standard coil, 450mW
001
1.5
1.3
2.6
0.15
6
375
002
3
2.1
4.7
0.30
20
450
003
5
3.5
7.9
0.50
56
446
004
6
4.2
9.5
0.60
80
450
005
9
6.3
14.2
0.90
180
450
006
12
8.4
19.0
1.20
320
450
007
24
16.8
38.0
2.40
1280
450
Sensitive coil, 200mW
101
1.5
1.1
3.6
0.15
12
188
102
3
2.3
7.1
0.30
45
200
103
5
3.8
11.6
0.50
120
208
104
6
4.5
14.2
0.60
180
200
105
9
6.8
21.2
0.90
400
203
106
12
9.0
28.0
1.20
700
206
107
24
18.0
56.0
2.40
2800
206
108
18
13.5
33.0
1.80
1620
200
All figures are given for coil without pre-energization, at ambient temperature +23°C.
W11 Relay V23101
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Contact Data
Number of contacts and type
1 changeover contacts
Contact assembly
single contacts
Contact material
AgPd, gold plated
AgNi, gold plated
AgNi
Limiting continuous current at max. ambient temperature
1.25 A3 A
Maximum switching current (see load limit diagram)
1.25 A3 A
Maximum swichting voltage
120 Vdc
125 Vac
120 Vdc
125 Vac
Maximum switching capacity
30 W / 62.5 VA
72 W / 360 VA
Thermoelectric potential
< 10 µV
< 10 µV
Initial contact resistance / measuring condition: 10 mA / 20 mV
100 m
100 m
Electrical endurance
standard:
at 24 Vdc / 1.25 A
at 24 Vdc / 3 A
at 120 Vac / 1.25 A
at 120 Vac / 3 A
min. 3 x 105 operations
min. 1.5 x 105 operations
min. 2 x 105 operations
min. 4 x 105 operations
sensitive:
at 24 Vdc / 1.25 A
at 24 Vdc / 3 A
at 120 Vac / 1.25 A
at 120 Vac / 3 A
min. 2 x 105 operations
min. 1 x 105 operations
min. 1 x 105 operations
min. 3 x 105 operations
Mechanical endurance, typ
107 operations
Max. DC Load Breaking Capacity
DC current [A]
Max. DC load breaking capacity
108-98010 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 13
Telecom-, Signal and RF Relays
W11 Relay V23101
AXICOM
Unom =
Nominal coil voltage
Umax. =
Upper limit of the operative range of
the coil voltage (limiting voltage)
Uop. min. =
Lower limit of the operative range of the
coil voltage (reliable operate voltage)
For latching relays Uset min. resp. Ureset min.
Urel. min. =
Lower limit of the operative range of
the coil voltage (reliable release voltage)
Coil Operating Range
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 1.25 A
Ambient Temperature [°C]
200 mW coil
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
-40-30
-20-10
0102030405060708090100
Unom. nominal coil voltage
Uop. min.
Urel. min.
Umax. at 0 A
Umax. at 1.25 A
Ambient Temperature [°C]
450 mW coil
Z


Podobny numer części - 3-1393779-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
3-1393779-8 TEC-3-1393779-8 Datasheet
1Mb / 4P
   Small size permitting high packing density
More results

Podobny opis - 3-1393779-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
V23101 TEC-V23101 Datasheet
1Mb / 4P
   Small size permitting high packing density
logo
Shanghai Leiditech Elec...
BZT52C3V3 LEIDITECH-BZT52C3V3 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C62 LEIDITECH-BZT52C62 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C82 LEIDITECH-BZT52C82 Datasheet
912Kb / 3P
   Small package size suitable for high-density applications
BZT52C56 LEIDITECH-BZT52C56 Datasheet
895Kb / 3P
   Small package size suitable for high-density applications
BZT52C5V6 LEIDITECH-BZT52C5V6 Datasheet
928Kb / 3P
   Small package size suitable for high-density applications
logo
MAKO SEMICONDUCTOR CO.,...
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
   Small size making it easy to provide high-density,small-sized
logo
Advanced Crystal Techno...
ACT86SMX ACT-ACT86SMX Datasheet
116Kb / 1P
   ideal for high density packing and automatic placement on circuit boards
21-11-2006
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
List of Unclassifed Man...
GWX-38 ETC-GWX-38 Datasheet
53Kb / 1P
   Miniature size for high density applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com