Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02094-12 Arkusz danych(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Numer części M02094-12
Szczegółowy opis  EPON FTTH modules
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02094-12 Arkusz danych(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M02094-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02094-12 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
M02094-12
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
11
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
Rev V5
Slow Rise on Vcc=5V at Power-up (DIS Low)
Transmitter Enable (DIS transition Low)
V
CC3
FAIL
DIS
LASER
OUTPUT
(low)
(low)
3.3V
t_on < 1ms,
(300 us typ.)
V
CC
5V
V
CC3
and
V
CC5
status
FAIL
DIS
LASER
OUTPUT
(low)
(low)
V
CC3 and VCC5
“OK”
t_on < 1ms,
(300 us typ.)
(high)


Podobny numer części - M02094-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02094-11 MA-COM-M02094-11 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
More results

Podobny opis - M02094-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
logo
AVAGO TECHNOLOGIES LIMI...
BT-1212XX AVAGO-BT-1212XX Datasheet
103Kb / 1P
   10G EPON Symmetrical ONU Bi-direction OSA
logo
Diodes Incorporated
FNEPON125 DIODES-FNEPON125 Datasheet
411Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
Rev D 07/13/12
logo
Pericom Semiconductor C...
FNEPON125 PERICOM-FNEPON125 Datasheet
559Kb / 2P
   3.3V CMOS Low-Jitter 125MHz EPON XO
logo
Qorvo, Inc
QPB7432 QORVO-QPB7432_V01 Datasheet
2Mb / 26P
   FTTH xPON Video Receiver
3 Sep 2021
logo
Huber+Suhner, Inc.
04-___MH_ZN_H-___23C HUBERSUHNER-04-___MH_ZN_H-___23C Datasheet
187Kb / 2P
   Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm Cca
06-___SMH_ZN_H-___23B HUBERSUHNER-06-___SMH_ZN_H-___23B Datasheet
188Kb / 2P
   Dry FTTH Microtube 1x1.25mm LSFH Ø 2.3mm B2ca
logo
Mitsumi Electronics, Co...
VGQ-32HA MITSUMI-VGQ-32HA Datasheet
33Kb / 2P
   FTTH-VG Optical Communication V Groov Board
logo
Vitesse Semiconductor C...
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
   1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com