Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5964 Arkusz danych(PDF) 6 Page - SyncMOS Technologies,Inc

Numer części SM5964
Szczegółowy opis  8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964 Arkusz danych(HTML) 6 Page - SyncMOS Technologies,Inc

Back Button SM5964 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 10Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
July 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
6/28
PID 5964 07/02
SyncMOS Technologies Inc.
SM5964
Ver 1.0
64K Program
memory space
ISP service
program space,
up to 4K
FFFF
FE00
FC00
FA00
F800
F600
F400
F200
F000
N=8
N=7
N=1
N=0
1.2 Data Memory
The SM5964 has 1K bytes on-chip RAM, 256 bytes of it are the same as general 8052 internal memory structure while the
expanded 768 bytes on-chip RAM can be accessed by external memory addressing method (by instruction MOVX.) or by
bank mapping direct addressing mode.
Extension Function Description
1. Memory Structure
The SM5964 is the general 8052 hardware core to integrate the ISP function module as a single chip microcontroller. Its
memory structure follows general 8052 structure.
1.1 Program Memory
The SM5964 has 64K byte on-chip flash memory which used as general program memory, on which include up to 4K byte
specific ISP service program memory space. The address range for the 64K byte is $0000 to $FFFF. The address range
for the ISP service program is $F000 to $FFFF. The ISP service program size can be partitioned as N blocks of 512 byte
(N=0 to 8). When N=0 means no ISP service program space available, total 64K byte memory used as program memory.
When N=1 means memory address $FE00 to $FFFF reserved for ISP service program. When N=2 means memory
address $FC00 to FFFF reserved for ISP service program,...etc. Value N can be set and programmed into SM5964 by
writer.
Addr
SFR
Reset
7654
321
0
F4H
ISPFAH
00H
FA15
FA14
FA13
FA12
FA11
FA10
FA9
FA8
F5H
ISPFAL
00H
FA7
FA6
FA5
FA4
FA3
FA2
FA1
FA0
F6H
ISPFD
00H
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
F7H
ISPC
0*****00
START
F1
F0


Podobny numer części - SM5964

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Podobny opis - SM5964

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com