Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5964 Arkusz danych(PDF) 8 Page - SyncMOS Technologies,Inc

Numer części SM5964
Szczegółowy opis  8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964 Arkusz danych(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM5964 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM5964 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
July 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
8/28
PID 5964 07/02
SyncMOS Technologies Inc.
SM5964
Ver 1.0
1.3 Bank mapping direct addressing mode
:
We provide RAM bank address ‘40H~7FH’ as mapping window which allow user access all the 1K on-chip RAM through
this RAM bank address.
With this bank mapping scheme, user can access entire 1k byte on-chip RAM with direct addressing method. That means
using the window area ($040~$07F), user can access any bank (64 byte) data of 1k byte on-chip RAM space which is
selected by BS[0:3] of data bank control register (DBANK, $86).
For example, user write #30h to $101 address :
MOV
DBANK, #88H
; set bank mapping $040~$07f to $0100~$013f
MOV A, #30H
; store #30H to A
MOV 41H, A
; write #30H to $0101 address
Data Bank Control Register (DBANK, $86)
BS3
BS2
BS1
BS0
040h~07fh map-
ping address
Note
0
0
0
0
000h~03fh
lower 128 byte RAM
0
0
0
1
040h~07fh
lower 128 byte RAM
0
0
1
0
080h~0bfh
higher 128 byte RAM
0
0
1
1
0c0h~0ffh
higher 128 byte RAM
0
1
0
0
0000h~003fh
on-chip expanded 768 byte RAM
0
1
0
1
0040h~007fh
on-chip expanded 768 byte RAM
0
1
1
0
0080h~00bfh
on-chip expanded 768 byte RAM
0
1
1
1
00c0h~00ffh
on-chip expanded 768 byte RAM
1
0
0
0
0100h~013fh
on-chip expanded 768 byte RAM
1
0
0
1
0140h~017fh
on-chip expanded 768 byte RAM
1
0
1
0
0180h~01bfh
on-chip expanded 768 byte RAM
1
0
1
1
01c0h~01ffh
on-chip expanded 768 byte RAM
1
1
0
0
0200h~023fh
on-chip expanded 768 byte RAM
1
1
0
1
0240h~027fh
on-chip expanded 768 byte RAM
1
1
1
0
0280h~02bfh
on-chip expanded 768 byte RAM
1
1
1
1
02c0h~02ffh
on-chip expanded 768 byte RAM
bit-7
bit-0
Read :
BSE
Unused
Unused
Unused
BS3
BS2
BS1
BS0
Write :
Reset value :
0
*
*
*
0001


Podobny numer części - SM5964

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Podobny opis - SM5964

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com