Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5964IHHK Arkusz danych(PDF) 2 Page - SyncMOS Technologies,Inc

Numer części SM5964IHHK
Szczegółowy opis  8 - bit single chip microcontroller with 64KB flash & 1K byte RAM embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM5964IHHK Arkusz danych(HTML) 2 Page - SyncMOS Technologies,Inc

  SM5964IHHK Datasheet HTML 1Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 2Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 3Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 4Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 5Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 6Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 7Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 8Page - SyncMOS Technologies,Inc SM5964IHHK Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
July 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
2/28
PID 5964 07/02
SyncMOS Technologies Inc.
SM5964
Ver 1.0
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
#EA
P4.1
ALE
#PSEN
P2.7/A15
P2.6FA14
P2.5/A13
SPWM2/P1.5
SPWM3/P1.6
SPWM4/P1.7
RES
P4.3
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
44L PLCC
(Top View)
6
5
4
3 2 144 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
SM5964ihh-yyyJ
RXD/P3.0
Pin Configurations
SPWM2/P1.5
SPWM3/P1.6
SPWM4/P1.7
RES
RXD/P3.0
P4.3
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
#EA
P4.1
ALE
#PSEN
P2.7/A15
P2.6/A14
P2.5/A13
SM5964
44L QFP
(Top View)
44 43 42 41
38 37 36 35 34
40 39
33
32
31
29
28
27
26
25
24
30
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
ihh-yyyQ
VDD
P0.0/AD0
P0.1/AD1
P0.2/AD2
P0.3/AD3
P0.4/AD4
P0.5/AD5
P0.6/AD6
P0.7/AD7
#EA
ALE
#PSEN
P2.7/A15
P2.6/A14
P2.5/A13
P2.4/A12
P2.3/A11
P2.2/A10
P2.1/A9
P2.0/A8
T2/P1.0
T2EX/P1.1
P1.2
SPWM0/P1.3
SPWM1/P1.4
SPWM2/P1.5
SPWM3/P1.6
SPWM4/P1.7
RES
RXD/P3.0
TXD/P3.1
#INT0/P3.2
#INT1/P3.3
T0/P3.4
T1/P3.5
#WR/P3.6
#RD/P3.7
XTAL1
XTAL2
VSS
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
10
40
39
38
37
36
35
34
33
32
31
30
28
27
26
25
24
23
22
21
29


Podobny numer części - SM5964IHHK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM5964 SYNCMOS-SM5964 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
logo
Stealth Microwave, Inc.
SM5964-43 STEALTH_MICROWAVE-SM5964-43 Datasheet
240Kb / 3P
   5900-6400 MHz 20 Watt Power Amplifier
SM5964-45 STEALTH_MICROWAVE-SM5964-45 Datasheet
187Kb / 2P
   5.925-6.425 GHz X Watt Linear Power Amplifier
logo
SyncMOS Technologies,In...
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM5964AIHHKL SYNCMOS-SM5964AIHHKL Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results

Podobny opis - SM5964IHHK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM2965 ETC-SM2965 Datasheet
506Kb / 23P
   8 BIT SINGLE CHIP MICROCONTROLLER WITH 64KB FLASH & 1K BYTE RAM EMBEDED
logo
ATMEL Corporation
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
   8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
   8-Bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
   8-bit AVR Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
   8-bit AVR Microcontroller with 1K Byte Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com