Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37B77X Arkusz danych(PDF) 10 Page - SMSC Corporation

Numer części FDC37B77X
Szczegółowy opis  ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
Download  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B77X Arkusz danych(HTML) 10 Page - SMSC Corporation

Back Button FDC37B77X Datasheet HTML 6Page - SMSC Corporation FDC37B77X Datasheet HTML 7Page - SMSC Corporation FDC37B77X Datasheet HTML 8Page - SMSC Corporation FDC37B77X Datasheet HTML 9Page - SMSC Corporation FDC37B77X Datasheet HTML 10Page - SMSC Corporation FDC37B77X Datasheet HTML 11Page - SMSC Corporation FDC37B77X Datasheet HTML 12Page - SMSC Corporation FDC37B77X Datasheet HTML 13Page - SMSC Corporation FDC37B77X Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 196 page
background image
10
DESCRIPTION OF MULTIFUNCTION PINS
PIN
NO./QFP
ORIGINAL
FUNCTION
ALTERNATE
FUNCTION 1
DEFAULT
NOTE
51
nDACK3
8042 P16
nDACK3
1
52
DRQ3
8042 P12
DRQ3
1
92
nRI2
8042 P16
nRI2
2
94
nDCD2
8042 P12
nDCD2
2
95
RXD2
IRRX
RXD2
3
96
TXD2
IRTX
TXD2
3
97
nDSR2
SA15
nDSR2
4
98
nRTS2
SA12
nRTS2
4
99
nCTS2
SA13
nCTS2
4
100
nDTR2
SA14
nDTR2
4
Note 1: Controlled by DMA3SEL(LD8:CRC0.1)
Note 2: Controlled by 8042COMSEL(LD8:CRC0.3)
Note 3: Controlled by IR Option Register( LD5:CRF1.6)
Note 4: Controlled by 16 bit Address Qualification (CR24.6)
For more information, refer to tables 63 through 73.
REFERENCE DOCUMENTS
1.
SMSC Consumer Infrared Communications Controller (CIrCC) V1.X
2.
IEEE 1284 Extended Capabilities Port Protocol and ISA Standard, Rev. 1.14, July 14, 1993.
3.
Hardware Description of the 8042, Intel 8 bit Embedded Controller Handbook.
4.
PCI Bus Power Management Interface Specification, Rev. 1.0, Draft, March 18, 1997.


Podobny numer części - FDC37B77X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Podobny opis - FDC37B77X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
logo
List of Unclassifed Man...
FDC37M70X ETC-FDC37M70X Datasheet
597Kb / 194P
   Enhanced Super I/O Controller with Wake-Up
logo
SMSC Corporation
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com