Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1882-RCM Arkusz danych(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM1882-RCM
Szczegółowy opis  Programmable Video Sync Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1882-RCM Arkusz danych(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1882-RCM Datasheet HTML 5Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 6Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 7Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 8Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 9Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 10Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 11Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 12Page - National Semiconductor (TI) LM1882-RCM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.5V to +7.0V
DC Input Diode Current (I
IK)
V
I = −0.5V
−20 mA
V
I = VCC +0.5V
+20 mA
DC Input Voltage (V
I)
−0.5V to V
CC +0.5V
DC Output Diode Current (I
OK)
V
O = −0.5V
−20 mA
V
O = VCC +0.5V
+20 mA
DC Output Voltage (V
O)
−0.5V to V
CC +0.5V
DC Output Source
or Sink Current (I
O)
±15 mA
DC V
CC or Ground Current
per Output Pin (I
CC or IGND)
±20 mA
Storage Temperature (T
STG)
−65˚C to +150˚C
Junction Temperature (T
J)
Ceramic
175˚C
Plastic
140˚C
Recommended Operating
Conditions
Supply Voltage (V
CC)
4.5V to 5.5V
Input Voltage (V
I)
0VtoV
CC
Output Voltage (V
O)
0VtoV
CC
Operating Temperature (T
A)
54ACT
−55˚C to +125˚C
Minimum Input Edge Rate (
∆V/∆t)
V
IN from 0.8V to 2.0V
V
CC @ 4.5V, 5.5V
125 mV/ns
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, without
exception, to ensure that the system design is reliable over its power supply,
temperature and output/input loading variables. National does not recom-
mend operation of FACT® circuits outside databook specifications.
DC Characteristics
For ’ACT Family Devices over Operating Temperature Range (unless otherwise specified)
LM1882
54ACT/LM1882
LM1882
V
CC
T
A = +25˚C
T
A = −55˚C
T
A = −40˚C
Symbol
Parameter
(V)
C
L = 50 pF
to +125˚C
to +85˚C
Units
Conditions
C
L = 50 pF
Typ
Guaranteed Limits
V
OH
Minimum High Level
4.5
4.49
4.4
4.4
4.4
V
I
OUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
5.4
V
(Note 2)
4.5
3.86
3.7
3.76
V
V
IN = VIL/VIH
5.5
4.86
4.7
4.76
V
I
OH = −8 mA
V
OL
Maximum Low Level
4.5
0.001
0.1
0.1
0.1
V
I
OUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
0.1
V
(Note 2)
4.5
0.36
0.5
0.44
V
V
IN = VIL/VIH
5.5
0.36
0.5
0.44
V
I
OH = +8 mA
I
OLD
Minimum Dynamic
5.5
32.0
32.0
mA
V
OLD = 1.65V
Output Current
I
OHD
Minimum Dynamic
5.5
−32.0
−32.0
mA
V
OHD = 3.85V
Output Current
I
IN
Maximum Input
5.5
±0.1
±1.0
±1.0
µA
V
I = VCC, GND
Leakage Current
I
CC
Supply Current
5.5
8.0
160
80
µA
V
IN = VCC, GND
Quiescent
I
CCT
Maximum I
CC/Input
5.5
0.6
1.6
1.5
mA
V
IN = VCC − 2.1V
Note 2: All outputs loaded; thresholds on input associated with input under test.
Note 3: Test Load 50 pF, 500
Ω to Ground.
www.national.com
9


Podobny numer części - LM1882-RCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1882-RCM NSC-LM1882-RCM Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results

Podobny opis - LM1882-RCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
   Sync Generator for TV Applications and Video Processing Systems
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
Siemens Semiconductor G...
SDA9257 SIEMENS-SDA9257 Datasheet
1Mb / 36P
   Clock Sync Generator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
NXP Semiconductors
SAA1101 PHILIPS-SAA1101 Datasheet
112Kb / 18P
   Universal sync generator USG
January 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com